Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F610-E/ST Datasheet(PDF) 122 Page - Microchip Technology

Part # PIC16F610-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F610-E/ST Datasheet(HTML) 122 Page - Microchip Technology

Back Button PIC16F610-E/ST Datasheet HTML 118Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 119Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 120Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 121Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 122Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 123Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 124Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 125Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 214 page
background image
PIC16F610/616/16HV610/616
DS41288F-page 122
© 2009 Microchip Technology Inc.
12.6
Watchdog Timer (WDT)
The Watchdog Timer is a free running, on-chip RC
oscillator, which requires no external components. This
RC oscillator is separate from the external RC oscillator
of the CLKIN pin and INTOSC. That means that the
WDT will run, even if the clock on the OSC1 and OSC2
pins of the device has been stopped (for example, by
execution of a SLEEP instruction). During normal oper-
ation, a WDT Time-out generates a device Reset. If the
device is in Sleep mode, a WDT Time-out causes the
device to wake-up and continue with normal operation.
The WDT can be permanently disabled by program-
ming
the
Configuration
bit,
WDTE,
as
clear
(Section 12.1 “Configuration Bits”).
12.6.1
WDT PERIOD
The WDT has a nominal time-out period of 18 ms (with
no
prescaler).
The
time-out
periods
vary
with
temperature, VDD and process variations from part to
part (see Table 15-4, Parameter 31). If longer time-out
periods are desired, a prescaler with a division ratio of
up to 1:128 can be assigned to the WDT under
software control by writing to the OPTION register.
Thus, time-out periods up to 2.3 seconds can be
realized.
The CLRWDT and SLEEP instructions clear the WDT
and the prescaler, if assigned to the WDT, and prevent
it from timing out and generating a device Reset.
The TO bit in the STATUS register will be cleared upon
a Watchdog Timer Time-out.
12.6.2
WDT PROGRAMMING
CONSIDERATIONS
It should also be taken in account that under worst-
case conditions (i.e., VDD = Min., Temperature = Max.,
Max. WDT prescaler) it may take several seconds
before a WDT Time-out occurs.
FIGURE 12-2:
WATCHDOG TIMER BLOCK DIAGRAM
TABLE 12-7:
WDT STATUS
Conditions
WDT
WDTE = 0
Cleared
CLRWDT
Command
Exit Sleep + System Clock = EXTRC, INTRC, EC
Exit Sleep + System Clock = XT, HS, LP
Cleared until the end of OST
T0CKI
T0SE
pin
CLKOUT
TMR0
Watchdog
Timer
WDT
Time-Out
PS<2:0>
WDTE
Data Bus
Set Flag bit T0IF
on Overflow
T0CS
Note
1: T0SE, T0CS, PSA, PS<2:0> are bits in the OPTION register.
0
1
0
1
0
1
SYNC 2
Cycles
8
8
8-bit
Prescaler
0
1
(= FOSC/4)
PSA
PSA
PSA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com