Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F610-E/ST Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC16F610-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F610-E/ST Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC16F610-E/ST Datasheet HTML 122Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 123Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 124Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 125Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 126Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 127Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 128Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 129Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 214 page
background image
PIC16F610/616/16HV610/616
DS41288F-page 126
© 2009 Microchip Technology Inc.
12.10 In-Circuit Serial Programming™
The PIC16F610/616/16HV610/616 microcontrollers
can be serially programmed while in the end
application circuit. This is simply done with five
connections for:
•clock
•data
• power
• ground
• programming voltage
This allows customers to manufacture boards with
unprogrammed
devices
and
then
program
the
microcontroller just before shipping the product. This
also allows the most recent firmware or a custom
firmware to be programmed.
The device is placed into a Program/Verify mode by
holding the RA0 and RA1 pins low, while raising the
MCLR (VPP) pin from VIL to VIHH. See the Memory
Programming
Specification
(DS41284)
for
more
information. RA0 becomes the programming data and
RA1 becomes the programming clock. Both RA0 and
RA1 are Schmitt Trigger inputs in Program/Verify
mode.
A typical In-Circuit Serial Programming connection is
shown in Figure 12-10.
FIGURE 12-10:
TYPICAL IN-CIRCUIT
SERIAL
PROGRAMMING™
CONNECTION
12.11 In-Circuit Debugger
Since in-circuit debugging requires access to three pins,
MPLAB® ICD 2 development with an 14-pin device is
not
practical.
A
special
28-pin
PIC16F610/616/
16HV610/616 ICD device is used with MPLAB ICD 2 to
provide separate clock, data and MCLR pins and frees
all normally available pins to the user.
A special debugging adapter allows the ICD device to
be used in place of a PIC16F610/616/16HV610/616
device. The debugging adapter is the only source of the
ICD device.
When the ICD pin on the PIC16F610/616/16HV610/
616 ICD device is held low, the In-Circuit Debugger
functionality is enabled. This function allows simple
debugging functions when used with MPLAB ICD 2.
When the microcontroller has this feature enabled,
some of the resources are not available for general
use. Table 12-9 shows which features are consumed
by the background debugger.
TABLE 12-9:
DEBUGGER RESOURCES
For more information, see “MPLAB® ICD 2 In-Circuit
Debugger User’s Guide” (DS51331), available on
Microchip’s web site (www.microchip.com).
External
Connector
Signals
To Normal
Connections
To Normal
Connections
PIC12F615/12HV615
VDD
VSS
MCLR/VPP/GP3/RA3
GP1
GP0
+5V
0V
VPP
CLK
Data I/O
*
*
*
*
* Isolation devices (as required)
PIC12F609/12HV609
Note:
To erase the device VDD must be above
the Bulk Erase VDD minimum given in the
Memory
Programming
Specification
(DS41284)
Resource
Description
I/O pins
ICDCLK, ICDDATA
Stack
1 level
Program Memory
Address 0h must be NOP
700h-7FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com