Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F616-H/ST Datasheet(PDF) 213 Page - Microchip Technology

Part # PIC16F616-H/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-H/ST Datasheet(HTML) 213 Page - Microchip Technology

Back Button PIC16F616-H/ST Datasheet HTML 206Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 207Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 208Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 209Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 210Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 211Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 212Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 213Page - Microchip Technology PIC16F616-H/ST Datasheet HTML 214Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 213 / 214 page
background image
© 2009 Microchip Technology Inc.
DS41288F-page 213
PIC16F610/616/16HV610/616
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
PIC16F610/616/16HV610/616, PIC16F610/616/16HV610/
616T(1)
Temperature
Range:
I= -40
°C to +85°C
(Industrial)
E= -40
°C to +125°C
(Extended)
H= -40
°C to +150°C
(High Temp.)(2)
Package:
ML
=
Quad Flat No Leads (QFN)
P
=
Plastic DIP (PDIP)
SL
=
14-lead Small Outline (3.90 mm) (SOIC)
ST
=
Thin Shrink Small Outline (4.4 mm) (TSSOP)
Pattern:
QTP, SQTP or ROM Code; Special Requirements
(blank otherwise)
Examples:
a)
PIC16F610-E/P 301 = Extended Temp., PDIP
package, 20 MHz, QTP pattern #301
b)
PIC16F616-E/P 301 = Extended Temp., PDIP
package, 20 MHz, QTP pattern #301
c)
PIC16HV610-E/P 301 = Extended Temp.,
PDIP package, 20 MHz, QTP pattern #301
d)
PIC16HV616-E/P 301 = Extended Temp.,
PDIP package, 20 MHz, QTP pattern #301
e)
PIC16F610-I/SL = Industrial Temp., SOIC
package, 20 MHz
f)
PIC16F616-I/SL = Industrial Temp., SOIC
package, 20 MHz
g)
PIC16HV610-I/SL = Industrial Temp., SOIC
package, 20 MHz
h)
PIC16HV616-I/SL = Industrial Temp., SOIC
package, 20 MHz
i)
PIC16F610T-E/ST Tape and Reel, Extended
Temp., TSSOP package, 20 MHz
j)
PIC16F616T-E/ST Tape and Reel, Extended
Temp., TSSOP package, 20 MHz
k)
PIC16HV610T-E/ST Tape and Reel, Extended
Temp., TSSOP package, 20 MHz
l)
PIC16HV616T-E/ST Tape and Reel, Extended
Temp., TSSOP package, 20 MHz
m)
PIC16F616 - H/SL = High Temp., SOIC pack-
age, 20 MHz.
Note 1:
T
= in tape and reel for TSSOP, SOIC
and QFN packages only.
2:
High Temp. available for PIC16F616 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com