Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4580-E/ML Datasheet(PDF) 447 Page - Microchip Technology

Part # PIC18F4580-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-E/ML Datasheet(HTML) 447 Page - Microchip Technology

Back Button PIC18F4580-E/ML Datasheet HTML 443Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 444Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 445Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 446Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 447Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 448Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 449Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 450Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 451Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 490 page
background image
© 2009 Microchip Technology Inc.
DS39637D-page 447
PIC18F2480/2580/4480/4580
FIGURE 28-12:
EXAMPLE SPI MASTER MODE TIMING (CKE = 0)
TABLE 28-14: EXAMPLE SPI MODE REQUIREMENTS (MASTER MODE, CKE = 0)
Param
No.
Symbol
Characteristic
Min
Max Units
Conditions
73
TDIV2SCH,
TDIV2SCL
Setup Time of SDI Data Input to SCK Edge
100
—
ns
74
TSCH2DIL,
TSCL2DIL
Hold Time of SDI Data Input to SCK Edge
100
—
ns
75
TDOR
SDO Data Output Rise Time
PIC18FXXXX
—
25
ns
PIC18LFXXXX
—
45
ns
VDD = 2.0V
76
TDOF
SDO Data Output Fall Time
—
25
ns
78
TSCR
SCK Output Rise Time
PIC18FXXXX
—
25
ns
PIC18LFXXXX
—
45
ns
VDD = 2.0V
79
TSCF
SCK Output Fall Time
—
25
ns
80
TSCH2DOV,
TSCL2DOV
SDO Data Output Valid after
SCK Edge
PIC18FXXXX
—
50
ns
PIC18LFXXXX
—
100
ns
VDD = 2.0V
SCK
(CKP = 0)
SCK
(CKP = 1)
SDO
SDI
73
74
75, 76
78
79
80
79
78
MSb
LSb
bit 6 - - - - - -1
LSb In
bit 6 - - - -1
MSb In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com