Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4580-E/ML Datasheet(PDF) 445 Page - Microchip Technology

Part # PIC18F4580-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-E/ML Datasheet(HTML) 445 Page - Microchip Technology

Back Button PIC18F4580-E/ML Datasheet HTML 441Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 442Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 443Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 444Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 445Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 446Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 447Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 448Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 449Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 490 page
background image
© 2009 Microchip Technology Inc.
DS39637D-page 445
PIC18F2480/2580/4480/4580
FIGURE 28-10:
CAPTURE/COMPARE/PWM TIMINGS (ALL CCP MODULES)
TABLE 28-12: CAPTURE/COMPARE/PWM REQUIREMENTS (ALL CCP MODULES)
Param
No.
Sym
Characteristic
Min
Max
Units
Conditions
50
TCCL
CCPx Input Low
Time
No prescaler
0.5 TCY +
20
—ns
With prescaler PIC18FXXXX
10
—
ns
PIC18LFXXXX
20
—
ns
VDD = 2.0V
51
TCCH CCPx Input High
Time
No prescaler
0.5 TCY +
20
—ns
With prescaler PIC18FXXXX
10
—
ns
PIC18LFXXXX
20
—
ns
VDD = 2.0V
52
TCCP CCPx Input Period
3 TCY + 40
N
—ns
N = prescale
value (1,4 or 16)
53
TCCR CCPx Output Fall Time
PIC18FXXXX
—
25
ns
PIC18LFXXXX
—
45
ns
VDD = 2.0V
54
TCCF CCPx Output Fall Time
PIC18FXXXX
—
25
ns
PIC18LFXXXX
—
45
ns
VDD = 2.0V
CCPx
(Capture Mode)
50
51
52
CCPx
53
54
(Compare or PWM Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com