Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4580-E/ML Datasheet(PDF) 442 Page - Microchip Technology

Part # PIC18F4580-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-E/ML Datasheet(HTML) 442 Page - Microchip Technology

Back Button PIC18F4580-E/ML Datasheet HTML 438Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 439Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 440Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 441Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 442Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 443Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 444Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 445Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 446Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 490 page
background image
PIC18F2480/2580/4480/4580
DS39637D-page 442
© 2009 Microchip Technology Inc.
FIGURE 28-6:
CLKO AND I/O TIMING
TABLE 28-9:
CLKO AND I/O TIMING REQUIREMENTS
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units Conditions
10
TOSH2CKLOSC1
↑ to CLKO ↓
—
75
200
ns
(Note 1)
11
TOSH2CK
H
OSC1
↑ to CLKO ↑
—
75
200
ns
(Note 1)
12
TCKR
CLKO Rise Time
—
35
100
ns
(Note 1)
13
TCKF
CLKO Fall Time
—
35
100
ns
(Note 1)
14
TCKL2IOVCLKO
↓ to Port Out Valid
—
—
0.5 TCY + 20
ns
(Note 1)
15
TIOV2CKH Port In Valid before CLKO
↑
0.25 TCY + 25
—
—
ns
(Note 1)
16
TCKH2IOI
Port In Hold after CLKO
↑
0—
—
ns
(Note 1)
17
TOSH2IOVOSC1
↑ (Q1 cycle) to Port Out Valid
—
50
150
ns
18
TOSH2IOIOSC1
↑ (Q2 cycle) to Port
Input Invalid (I/O in hold
time)
PIC18FXXXX
100
—
—
ns
18A
PIC18LFXXXX
200
—
—
ns
VDD = 2.0V
19
TIOV2OSH Port Input Valid to OSC1
↑ (I/O in
setup time)
0—
—
ns
20
TIOR
Port Output Rise Time
PIC18FXXXX
—
10
25
ns
20A
PIC18LFXXXX
—
—
60
ns
VDD = 2.0V
21
TIOF
Port Output Fall Time
PIC18FXXXX
—
10
25
ns
21A
PIC18LFXXXX
—
—
60
ns
VDD = 2.0V
22†
TINP
INTx Pin High or Low Time
TCY
——
ns
23†
TRBP
RB<7:4> Change INTx High or Low Time
TCY
——
ns
24†
TRCP
RC<7:4> Change INTx High or Low Time
20
ns
† These parameters are asynchronous events not related to any internal clock edges.
Note 1: Measurements are taken in RC mode, where CLKO output is 4 x TOSC.
Note:
Refer to Figure 28-4 for load conditions.
OSC1
CLKO
I/O pin
(Input)
I/O pin
(Output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
Old Value
New Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com