Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4580-E/ML Datasheet(PDF) 441 Page - Microchip Technology

Part # PIC18F4580-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-E/ML Datasheet(HTML) 441 Page - Microchip Technology

Back Button PIC18F4580-E/ML Datasheet HTML 437Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 438Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 439Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 440Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 441Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 442Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 443Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 444Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 445Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 490 page
background image
© 2009 Microchip Technology Inc.
DS39637D-page 441
PIC18F2480/2580/4480/4580
TABLE 28-7:
PLL CLOCK TIMING SPECIFICATIONS (VDD = 4.2V TO 5.5V)
TABLE 28-8:
AC CHARACTERISTICS: INTERNAL RC ACCURACY
PIC18F2480/2580/4480/4580 (INDUSTRIAL)
PIC18LF2480/2580/4480/4580 (INDUSTRIAL)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
F10
FOSC Oscillator Frequency Range
4
—
10
MHz HS mode only
F11
FSYS
On-Chip VCO System Frequency
16
—
40
MHz HS mode only
F12
trc
PLL Start-up Time (lock time)
—
—
2
ms
F13
ΔCLK CLKO Stability (jitter)
-2
—
+2
%
† Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
PIC18F2480/2580/4480/4580
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C < TA < +125°C for extended
Param
No.
Device
Min
Typ
Max
Units
Conditions
INTOSC Accuracy @ Freq = 8 MHz, 4 MHz, 2 MHz, 1 MHz, 500 kHz, 250 kHz, 125 kHz(1)
PIC18LF2X80/4X80
-2
+/-1
2
%
+25°C
VDD = 2.7-3.3V
-5
—
5
%
-10°C to +85°C
VDD = 2.7-3.3V
-10
+/-1
10
%
-40°C to +85°C
VDD = 2.7-3.3V
PIC18F2X80/4X80
-2
+/-1
2
%
+25°C
VDD = 4.5-5.5V
-5
—
5
%
-10°C to +85°C
VDD = 4.5-5.5V
-10
+/-1
10
%
-40°C to +85°C
VDD = 4.5-5.5V
INTRC Accuracy @ Freq = 31 kHz
PIC18LF2X80/4X80 26.562
—
35.938
kHz
-40°C to +85°C
VDD = 2.7-3.3V
PIC18F2X80/4X80 26.562
—
35.938
kHz
-40°C to +85°C
VDD = 4.5-5.5V
Note 1: Frequency calibrated at 25°C. OSCTUNE register can be used to compensate for temperature drift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com