Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F685-I/SS Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC16F685-I/SS
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685-I/SS Datasheet(HTML) 4 Page - Microchip Technology

  PIC16F685-I/SS Datasheet HTML 1Page - Microchip Technology PIC16F685-I/SS Datasheet HTML 2Page - Microchip Technology PIC16F685-I/SS Datasheet HTML 3Page - Microchip Technology PIC16F685-I/SS Datasheet HTML 4Page - Microchip Technology PIC16F685-I/SS Datasheet HTML 5Page - Microchip Technology PIC16F685-I/SS Datasheet HTML 6Page - Microchip Technology PIC16F685-I/SS Datasheet HTML 7Page - Microchip Technology PIC16F685-I/SS Datasheet HTML 8Page - Microchip Technology PIC16F685-I/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 2
© 2008 Microchip Technology Inc.
PIC16F631 Pin Diagram
TABLE 1:
PIC16F631 PIN SUMMARY
Device
Program
Memory
Data Memory
I/O
10-bit A/D
(ch)
Comparators
Timers
8/16-bit
SSP ECCP+ EUSART
Flash
(words)
SRAM
(bytes)
EEPROM
(bytes)
PIC16F631
1024
64
128
18
—
2
1/1
No
No
No
PIC16F677
2048
128
256
18
12
2
1/1
Yes
No
No
PIC16F685
4096
256
256
18
12
2
2/1
No
Yes
No
PIC16F687
2048
128
256
18
12
2
1/1
Yes
No
Yes
PIC16F689
4096
256
256
18
12
2
1/1
Yes
No
Yes
PIC16F690
4096
256
256
18
12
2
2/1
Yes
Yes
Yes
I/O
Pin
Analog
Comparators
Timers
Interrupt
Pull-up
Basic
RA0
19
AN0/ULPWU
C1IN+
—
IOC
Y
ICSPDAT
RA1
18
AN1
C12IN0-
—
IOC
Y
ICSPCLK
RA2
17
—
C1OUT
T0CKI
IOC/INT
Y
—
RA3
4
—
—
—
IOC
Y(1)
MCLR/VPP
RA4
3
—
—
T1G
IOC
Y
OSC2/CLKOUT
RA5
2
—
—
T1CKI
IOC
Y
OSC1/CLKIN
RB4
13
—
—
—
IOC
Y
—
RB5
12
—
—
—
IOC
Y
—
RB6
11
—
—
—
IOC
Y
—
RB7
10
—
—
—
IOC
Y
—
RC0
16
AN4
C2IN+
—
—
—
—
RC1
15
AN5
C12IN1-
—
—
—
—
RC2
14
AN6
C12IN2-
—
—
—
—
RC3
7
AN7
C12IN3-
—
—
—
—
RC4
6
—
C2OUT
—
—
—
—
RC5
5
—
———
—
—
RC6
8
—
—
—
—
—
—
RC7
9
—
———
—
—
—
1
—
—
—
—
—
VDD
—
20
—
———
—
VSS
Note 1: Pull-up enabled only with external MCLR configuration.
20-pin PDIP, SOIC, SSOP
VDD
RA5/T1CKI/OSC1/CLKIN
RA4/T1G/OSC2/CLKOUT
RA3/MCLR/VPP
RC5
RC4/C2OUT
RC3/C12IN3-
RC6
RC7
RB7
VSS
RA0/C1IN+/ICSPDAT/ULPWU
RA1/C12IN0-/ICSPCLK
RA2/T0CKI/INT/C1OUT
RC0/C2IN+
RC1/C12IN1-
RC2/C12IN2-
RB4
RB5
RB6
1
2
3
4
20
19
18
17
5
6
7
16
15
14
8
9
10
13
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com