Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLS3S-X0 Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # HLS3S-X0
Description  Hook and Loop Cable Ties
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

HLS3S-X0 Datasheet(HTML) 3 Page - PANDUIT CORP.

  HLS3S-X0 Datasheet HTML 1Page - PANDUIT CORP. HLS3S-X0 Datasheet HTML 2Page - PANDUIT CORP. HLS3S-X0 Datasheet HTML 3Page - PANDUIT CORP. HLS3S-X0 Datasheet HTML 4Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part Number
Length
Width
Max.
Bundle Dia.
Min. Loop
Tensile Str.*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
Lbs.
N
Cinch Ties
UCT3S-X0
12.0
305
.850
21.6
3.00
76
50
222
10
100
UCT5S-X0
18.0
457
.850
21.6
5.00
127
50
222
10
100
Cinch Ties – Center Mount Grommet (Bundle is centered over mounting point)
UGCTC3S-X0
12.0
305
.850
21.6
3.00
76
50
222
10
100
UGCTC5S-X0
18.0
457
.850
21.6
5.00
127
50
222
10
100
Cinch Ties – End Mount Grommet (Bundle is offset from mounting point)
UGCTE3S-X0
12.0
305
.850
21.6
3.00
76
50
222
10
100
UGCTE5S-X0
18.7
475
.850
21.6
5.00
127
50
222
10
100
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty
Flat Head Screws for Grommet Cinch Ties
UCTGS1224-X
12-24 UNC x 5/8mm (.625") flat head phillips screw.
10
100
UCTGSM5-X
M5 x 16mm flat head phillips screw.
10
100
UCTGSM6-X
M6 x 16mm flat head phillips screw.
10
100
■ Soft, premium material is safe to use on high performance cabling
■ Adjustable, releasable, and reusable multiple times
■ Unique material with hooks and loops on same side allows user
to secure a greater range of bundle diameters, including smaller
diameter bundles
■ Low profile contoured cinch ring provides extra strength and bundle
tightness, while reducing overall bundle size
■ Grommet styles offer strength and assure reliable installations that
resist pullout when bundling and mounting cables within
cabinet applications
■ Tapered tip facilitates easy, snag-free threading
■ A full range of colors; see Color Chart on page 4
Cinch tie on bundle
UCT3S-X0
Cinch Tie mounted on rack
UGCTC3S-X0
UGCTC
Bundle is centered
over mounting point
UGCTE
Bundle is offset from
mounting point
Ordering Information
Cinch Tie mounted within cabinet
UGCTC3S-X10
Three styles available in eight colors
ULTRA-CINCH ™ Hook & Loop Cable Ties
Note: 1/4" (6mm) diameter mounting hole on grommet style cinch ties.
*Minimum 2" overlap required to achieve loop tensile rating.
Cinch Tie
(UCT)
Cinch Tie – Center Mount Grommet
(UGCTC)
Cinch Tie – End Mount Grommet
(UGCTE)
Design Styles



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com