Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K22-I/ML Datasheet(PDF) 237 Page - Microchip Technology

Part # PIC18F23K22-I/ML
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/ML Datasheet(HTML) 237 Page - Microchip Technology

Back Button PIC18F23K22-I/ML Datasheet HTML 233Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 234Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 235Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 236Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 237Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 238Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 239Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 240Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 241Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 237
PIC18(L)F2X/4XK22
15.5.8
GENERAL CALL ADDRESS SUPPORT
The addressing procedure for the I2C bus is such that
the first byte after the Start condition usually
determines which device will be the slave addressed
by the master device. The exception is the general call
address which can address all devices. When this
address is used, all devices should, in theory, respond
with an acknowledge.
The general call address is a reserved address in the
I2C protocol, defined as address 0x00. When the
GCEN bit of the SSPxCON2 register is set, the slave
module will automatically ACK the reception of this
address regardless of the value stored in SSPxADD.
After the slave clocks in an address of all zeros with the
R/W bit clear, an interrupt is generated and slave soft-
ware can read SSPxBUF and respond. Figure 15-23
shows a general call reception sequence.
In 10-bit Address mode, the UA bit will not be set on
the reception of the general call address. The slave
will prepare to receive the second byte as data, just as
it would in 7-bit mode.
If the AHEN bit of the SSPxCON3 register is set, just
as with any other address reception, the slave
hardware will stretch the clock after the 8th falling
edge of SCLx. The slave must then set its ACKDT
value and release the clock with communication
progressing as it would normally.
FIGURE 15-24:
SLAVE MODE GENERAL CALL ADDRESS SEQUENCE
15.5.9
SSPx MASK REGISTER
An SSPx Mask (SSPxMSK) register (Register 15-5) is
available in I2C Slave mode as a mask for the value
held in the SSPxSR register during an address
comparison operation. A zero (‘0’) bit in the SSPxMSK
register has the effect of making the corresponding bit
of the received address a “don’t care”.
This register is reset to all ‘1’s upon any Reset
condition and, therefore, has no effect on standard
SSPx operation until written with a mask value.
The SSPx Mask register is active during:
• 7-bit Address mode: address compare of A<7:1>.
• 10-bit Address mode: address compare of A<7:0>
only. The SSPx mask has no effect during the
reception of the first (high) byte of the address.
SDAx
SCLx
S
SSPxIF
BF (SSPxSTAT<0>)
Cleared by software
SSPxBUF is read
R/W = 0
ACK
General Call Address
Address is compared to General Call Address
Receiving Data
ACK
12
3
4
5
6
7
8
9
1
2
3
45
67
8
9
D7
D6
D5
D4
D3
D2
D1
D0
after ACK, set interrupt
GCEN (SSPxCON2<7>)
’1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com