Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K22-I/ML Datasheet(PDF) 240 Page - Microchip Technology

Part # PIC18F23K22-I/ML
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/ML Datasheet(HTML) 240 Page - Microchip Technology

Back Button PIC18F23K22-I/ML Datasheet HTML 236Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 237Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 238Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 239Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 240Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 241Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 242Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 243Page - Microchip Technology PIC18F23K22-I/ML Datasheet HTML 244Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 240
Preliminary
 2010 Microchip Technology Inc.
15.6.4
I2
C MASTER MODE START
CONDITION TIMING
To initiate a Start condition, the user sets the Start
Enable bit, SEN, of the SSPxCON2 register. If the
SDAx and SCLx pins are sampled high, the Baud Rate
Generator
is
reloaded
with
the
contents
of
SSPxADD<7:0> and starts its count. If SCLx and
SDAx are both sampled high when the Baud Rate
Generator times out (TBRG), the SDAx pin is driven
low. The action of the SDAx being driven low while
SCLx is high is the Start condition and causes the S bit
of the SSPxSTAT1 register to be set. Following this,
the Baud Rate Generator is reloaded with the contents
of SSPxADD<7:0> and resumes its count. When the
Baud Rate Generator times out (TBRG), the SEN bit of
the SSPxCON2 register will be automatically cleared
by hardware; the Baud Rate Generator is suspended,
leaving the SDAx line held low and the Start condition
is complete.
FIGURE 15-26:
FIRST START BIT TIMING
Note 1: If at the beginning of the Start condition,
the SDAx and SCLx pins are already sam-
pled low, or if during the Start condition,
the SCLx line is sampled low before the
SDAx line is driven low, a bus collision
occurs, the Bus Collision Interrupt Flag,
BCLxIF, is set, the Start condition is
aborted and the I2C module is reset into its
Idle state.
2: The Philips I2C Specification states that a
bus collision cannot occur on a Start.
SDAx
SCLx
S
TBRG
1st bit
2nd bit
TBRG
SDAx = 1,
At completion of Start bit,
SCLx = 1
Write to SSPxBUF occurs here
TBRG
hardware clears SEN bit
TBRG
Write to SEN bit occurs here
Set S bit (SSPxSTAT<3>)
and sets SSPxIF bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com