Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F505-E/ST Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC16F505-E/ST
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-E/ST Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC16F505-E/ST Datasheet HTML 39Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 40Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 41Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 42Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 43Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 44Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 45Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 46Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 110 page
background image
© 2009 Microchip Technology Inc.
DS41236E-page 43
PIC12F508/509/16F505
REGISTER 7-2:
CONFIGURATION WORD FOR PIC16F505(1)
—
—
—
—
—
—
MCLRE
CP
WDTE
FOSC2
FOSC1
FOSC0
bit 11
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 11-6
Unimplemented: Read as ‘0’
bit 5
MCLRE: RB3/MCLR Pin Function Select bit
1
= RB3/MCLR pin function is MCLR
0
= RB3/MCLR pin function is digital input, MCLR internally tied to VDD
bit 4
CP: Code Protection bit
1
= Code protection off
0
= Code protection on
bit 3
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 2-0
FOSC<1:0>: Oscillator Selection bits
111
= External RC oscillator/CLKOUT function on RB4/OSC2/CLKOUT pin
110
= External RC oscillator/RB4 function on RB4/OSC2/CLKOUT pin
101
= Internal RC oscillator/CLKOUT function on RB4/OSC2/CLKOUT pin
100
= Internal RC oscillator/RB4 function on RB4/OSC2/CLKOUT pin
011
= EC oscillator/RB4 function on RB4/OSC2/CLKOUT pin
010
= HS oscillator
001
= XT oscillator
000
= LP oscillator
Note
1:
Refer to the “PIC16F505 Memory Programming Specifications” (DS41226) to determine how to access
the Configuration Word. The Configuration Word is not user addressable during device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com