Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM4104IPFBREP Datasheet(PDF) 26 Page - Texas Instruments

Part # PCM4104IPFBREP
Description  High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4104IPFBREP Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCM4104IPFBREP Datasheet HTML 22Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 23Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 24Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 25Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 26Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 27Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 28Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 29Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
www.ti.com
Output Phase Reversal
Sampling Mode
Power-Down Modes
Software Reset
Audio Data Formats, LRCK Polarity, and BCK Sampling Edge
SERIAL PERIPHERAL INTERFACE (SPI) PORT OPERATION
Control Byte (or Byte 0)
PCM4104-EP
SBAS419 – JUNE 2007
The PCM4104 includes an output phase reversal function, which provides the ability to invert the output phase
for all four channels, either for testing or for matching various output circuit configurations. This function is
controlled using the PHASE bit, located within Control Register 5. The output phase is set to noninverted by
default on power up or reset.
Sampling mode configuration was discussed earlier in this data sheet, with Table 1 providing a reference for
common sampling and system clock frequencies. The FS0 and FS1 bits located in Control Register 6 are used
to set the sampling mode. The sampling mode defaults to Single Rate on power up or reset.
The power-down control bits are located in Control Register 6. These bits are used to power down pairs of D/A
converters within the PCM4104. The PDN12 bit is used to power down channels 1 and 2, while the PDN34 bit is
used to power down channels 3 and 4. When a channel pair is powered down, it ignores the audio data inputs
and sets its outputs to a high-impedance state. By default, the power-down bits are disabled on power up or
reset.
This reset function allows a reset sequence to be initiated under software control. All control registers are reset
to their default state. The reset bit, RST, is located in Control Register 6. Setting this bit to 1 initiates a one-time
reset sequence. The RST bit is cleared by the initialization sequence.
Control Register 7 is used to configure the PCM4104 audio serial port. Audio serial port operation was
discussed previously in this data sheet; refer to that section for more details regarding the functions controlled by
this register. The control register definitions provide additional information regarding the register functions and
their default settings.
The SPI port is a four-wire synchronous serial interface that is used to access the on-chip control registers when
the PCM4104 is configured for Software mode operation. The CDIN input (pin 23) is the serial data input for the
port, while CDOUT (pin 24) is used for reading back control register contents in a serial fashion. The CS input
(pin 21) functions as the chip select input, and must be forced low for register write or read access. The CCLK
input (pin 22) functions as the serial data clock, used to clock data in and out of the port. Data is clocked into the
port on the rising edge of CCLK, while data is clocked out of the port on the falling edge of CCLK.
There are three modes of operation supported for the SPI port: Single Register, Continuous, and
Auto-Increment.
The Single Register and Continuous modes are similar to one another. In Continuous mode, instead of bringing
the CS input high after writing or reading a single register, the CS input is held low and a new control byte is
issued with a new address for the next write or read operation. Continuous mode allows multiple, sequential or
nonsequential register addresses to be read or written in succession, as shown in Figure 16.
Auto-Increment mode is designed for writing or reading multiple sequential register addresses. After the first
register is written or read, the register address is automatically incremented by 1, so the next write or read
operation is performed without issuing another control byte, as shown in Figure 17.
The control byte, or byte 0, is the first byte written to the PCM4104 SPI port when performing a write or read
operation. The control byte includes bits that define the operation to be performed (read or write), the
auto-increment mode status, and the control register address.
The Read/Write bit, R/W, is set to 0 to indicate a register write operation, or set to 1 for a register read
operation.
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com