Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF23K22-E/ML Datasheet(PDF) 433 Page - Microchip Technology

Part # PIC18LF23K22-E/ML
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF23K22-E/ML Datasheet(HTML) 433 Page - Microchip Technology

Back Button PIC18LF23K22-E/ML Datasheet HTML 429Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 430Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 431Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 432Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 433Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 434Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 435Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 436Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 437Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 433
PIC18(L)F2X/4XK22
27.6
DC Characteristics: Primary Idle Supply Current, PIC18(L)F2X/4XK22
PIC18LF2X/4XK22
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
PIC18F2X/4XK22
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
Param
No.
Device Characteristics
Typ
Max Units
Conditions
D100
Supply Current (IDD)(1),(2)
0.025 0.07
mA
-40°C to +125°C
VDD = 1.8V
FOSC = 1 MHz
(PRI_IDLE mode,
EC oscillator)
D101
0.045 0.10
mA
-40°C to +125°C
VDD = 3.0V
D102
0.04
0.12
mA
-40°C to +125°C
VDD = 1.8V
FOSC = 1 MHz
(PRI_IDLE mode,
EC oscillator)
D103
0.06
0.15
mA
-40°C to +125°C
VDD = 3.0V
D104
0.07
0.17
mA
-40°C to +125°C
VDD = 5.0V
D105
0.45
0.65
mA
-40°C to +125°C
VDD = 1.8V
FOSC = 20 MHz
(PRI_IDLEmode,
EC oscillator)
D106
0.75
1.10
mA
-40°C to +125°C
VDD = 3.0V
D107
0.5
0.8
mA
-40°C to +125°C
VDD = 1.8V
FOSC = 20 MHz
(PRI_IDLEmode,
EC oscillator)
D108
0.9
1.5
mA
-40°C to +125°C
VDD = 3.0V
D109
1.1
1.8
mA
-40°C to +125°C
VDD = 5.0V
D110
2.5
4
mA
-40°C to +125°C
VDD = 3.0V
FOSC = 64 MHz
(PRI_IDLEmode,
EC oscillator)
D111
2.7
4.2
mA
-40°C to +125°C
VDD = 3.0V
FOSC = 64 MHz
(PRI_IDLEmode,
EC oscillator)
D112
3.3
5.0
mA
-40°C to +125°C
VDD = 5.0V
D113
0.40
0.70
mA
-40°C to +125°C
VDD = 1.8V
FOSC = 4 MHz
16 MHz Internal
(PRI_IDLE, EC +
PLL)
D114
0.65
1.10
mA
-40°C to +125°C
VDD = 3.0V
D115
0.4
0.7
mA
-40°C to +125°C
VDD = 1.8V
FOSC = 4 MHz
16 MHz Internal
(PRI_IDLE, EC +
PLL)
D116
0.7
1.2
mA
-40°C to +125°C
VDD = 3.0V
D117
0.9
1.5
mA
-40°C to +125°C
VDD = 5.0V
D118
2.5
4
mA
-40°C to +125°C
VDD = 3.0V
FOSC = 16 MHz
64 MHz Internal
(PRI_IDLE, EC +
PLL)
D119
2.7
5.0
mA
-40°C to +125°C
VDD = 3.0V
FOSC = 16 MHz
64 MHz Internal
(PRI_IDLE, EC +
PLL)
D120
3.3
6.0
mA
-40°C to +125°C
VDD = 5.0V
Note 1:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as
I/O pin loading and switching rate, oscillator type and circuit, internal code execution pattern and temper-
ature, also have an impact on the current consumption.
2:
The test conditions for all IDD measurements in active operation mode are:
All I/O pins set as outputs driven to VSS;
MCLR = VDD;
OSC1 = external square wave, from rail-to-rail (PRI_RUN and PRI-IDLE only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com