Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF23K22-E/ML Datasheet(PDF) 437 Page - Microchip Technology

Part # PIC18LF23K22-E/ML
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF23K22-E/ML Datasheet(HTML) 437 Page - Microchip Technology

Back Button PIC18LF23K22-E/ML Datasheet HTML 433Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 434Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 435Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 436Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 437Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 438Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 439Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 440Page - Microchip Technology PIC18LF23K22-E/ML Datasheet HTML 441Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 437
PIC18(L)F2X/4XK22
IPU
Weak Pull-up Current
D158
IPURB
PORTB weak pull-up
current
90
AVDD = 3.0V, VPIN =
VSS
VOL
Output Low Voltage
D159
I/O ports
—
V
IOL = 8.5 mA, VDD
= 3.0V,
-40
C to +85C
D160
OSC2/CLKOUT
(RC, RCIO, EC, ECIO
modes)
—V
IOL = 1.6 mA, VDD
= 3.0V,
-40
C to +85C
VOH
Output High Voltage(3)
D161
I/O ports
—
V
IOH = -3.0 mA, VDD
= 3.0V,
-40
C to +85C
D162
OSC2/CLKOUT
(RC, RCIO, EC, ECIO
modes)
—V
IOH = -1.3 mA, VDD
= 3.0V,
-40
C to +85C
Capacitive Loading
Specs
on Output Pins
D163(4) COSC2
OSC2 pin
—
pF
In XT, HS and LP
modes when
external clock is
used to drive
OSC1
D164
CIO
All I/O pins and OSC2
(in RC mode)
—
pF
To meet the AC
Timing
Specifications
D165
CB
SCL, SDA
—
pF
I2C™ Specifica-
tion
27.8
DC Characteristics:Input/Output Characteristics, PIC18(L)F2X/4XK22 (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
TA  +125°C
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
Note 1:
In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that
the PIC® device be driven with an external clock while in RC mode.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.
4:
Parameter is characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com