| Electronic Components Datasheet Search |
|
PIC12F508 Datasheet(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F508 Datasheet(HTML) 15 Page - Microchip Technology |
|
15 / 110 page ![]() © 2009 Microchip Technology Inc. DS41236E-page 15 PIC12F508/509/16F505 TABLE 3-3: PIC16F505 PINOUT DESCRIPTION Name Function Input Type Output Type Description RB0/ICSPDAT RB0 TTL CMOS Bidirectional I/O pin. Can be software programmed for internal weak pull-up and wake-up from Sleep on pin change. ICSPDAT ST CMOS In-Circuit Serial Programming™ data pin. RB1/ICSPCLK RB1 TTL CMOS Bidirectional I/O pin. Can be software programmed for internal weak pull-up and wake-up from Sleep on pin change. ICSPCLK ST CMOS In-Circuit Serial Programming clock pin. RB2 RB2 TTL CMOS Bidirectional I/O pin. RB3/MCLR/VPP RB3 TTL — Input port. Can be software programmed for internal weak pull-up and wake-up from Sleep on pin change. MCLR ST — Master Clear (Reset). When configured as MCLR, this pin is an active-low Reset to the device. Voltage on MCLR/VPP must not exceed VDD during normal device operation or the device will enter Programming mode. Weak pull-up always on if configured as MCLR. VPP HV — Programming voltage input. RB4/OSC2/CLKOUT RB4 TTL CMOS Bidirectional I/O pin. Can be software programmed for internal weak pull-up and wake-up from Sleep on pin change. OSC2 — XTAL Oscillator crystal output. Connections to crystal or resonator in Crystal Oscillator mode (XT, HS and LP modes only). CLKOUT — CMOS In EXTRC and INTRC modes, the pin output can be configured for CLKOUT, which has 1/4 the frequency of OSC1 and denotes the instruction cycle rate. RB5/OSC1/CLKIN RB5 TTL CMOS Bidirectional I/O pin. OSC1 XTAL — Crystal input. CLKIN ST — External clock source input. RC0 RC0 TTL CMOS Bidirectional I/O pin. RC1 RC1 TTL CMOS Bidirectional I/O pin. RC2 RC2 TTL CMOS Bidirectional I/O pin. RC3 RC3 TTL CMOS Bidirectional I/O pin. RC4 RC4 TTL CMOS Bidirectional I/O pin. RC5/T0CKI RC5 TTL CMOS Bidirectional I/O pin. T0CKI ST — Clock input to TMR0. VDD VDD — P Positive supply for logic and I/O pins. VSS VSS — P Ground reference for logic and I/O pins. Legend: I = Input, O = Output, I/O = Input/Output, P = Power, — = Not used, TTL = TTL input, ST = Schmitt Trigger input, HV = High Voltage |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |