Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12F509 Datasheet(PDF) 13 Page - Microchip Technology

Part # 12F509
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F509 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 12F509 Datasheet HTML 9Page - Microchip Technology 12F509 Datasheet HTML 10Page - Microchip Technology 12F509 Datasheet HTML 11Page - Microchip Technology 12F509 Datasheet HTML 12Page - Microchip Technology 12F509 Datasheet HTML 13Page - Microchip Technology 12F509 Datasheet HTML 14Page - Microchip Technology 12F509 Datasheet HTML 15Page - Microchip Technology 12F509 Datasheet HTML 16Page - Microchip Technology 12F509 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 110 page
background image
© 2009 Microchip Technology Inc.
DS41236E-page 13
PIC12F508/509/16F505
TABLE 3-2:
PIC12F508/509 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
GP0/ICSPDAT
GP0
TTL
CMOS Bidirectional I/O pin. Can be software programmed for internal
weak pull-up and wake-up from Sleep on pin change.
ICSPDAT
ST
CMOS In-Circuit Serial Programming™ data pin.
GP1/ICSPCLK
GP1
TTL
CMOS Bidirectional I/O pin. Can be software programmed for internal
weak pull-up and wake-up from Sleep on pin change.
ICSPCLK
ST
CMOS In-Circuit Serial Programming clock pin.
GP2/T0CKI
GP2
TTL
CMOS Bidirectional I/O pin.
T0CKI
ST
—
Clock input to TMR0.
GP3/MCLR/VPP
GP3
TTL
—
Input pin. Can be software programmed for internal weak
pull-up and wake-up from Sleep on pin change.
MCLR
ST
—
Master Clear (Reset). When configured as MCLR, this pin is
an active-low Reset to the device. Voltage on MCLR/VPP must
not exceed VDD during normal device operation or the device
will enter Programming mode. Weak pull-up always on if
configured as MCLR.
VPP
HV
—
Programming voltage input.
GP4/OSC2
GP4
TTL
CMOS Bidirectional I/O pin.
OSC2
—
XTAL
Oscillator crystal output. Connections to crystal or resonator in
Crystal Oscillator mode (XT and LP modes only, GPIO in other
modes).
GP5/OSC1/CLKIN
GP5
TTL
CMOS Bidirectional I/O pin.
OSC1
XTAL
—
Oscillator crystal input.
CLKIN
ST
—
External clock source input.
VDD
VDD
—
P
Positive supply for logic and I/O pins.
VSS
VSS
—
P
Ground reference for logic and I/O pins.
Legend: I = Input, O = Output, I/O = Input/Output, P = Power, — = Not used, TTL = TTL input,
ST = Schmitt Trigger input, HV = High Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com