Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12CE519-04/ESM Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC12CE519-04/ESM
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE519-04/ESM Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC12CE519-04/ESM Datasheet HTML 45Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 46Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 47Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 48Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 49Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 50Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 51Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 52Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 49
PIC12C5XX
ADDWF
Add W and f
Syntax:
[
label ] ADDWF
f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(W) + (f)
→ (dest)
Status Affected:
C, DC, Z
Encoding:
0001
11df
ffff
Description:
Add the contents of the W register and
register ’f’. If ’d’ is 0 the result is stored
in the W register. If ’d’ is ’1’ the result is
stored back in register ’f’
.
Words:
1
Cycles:
1
Example:
ADDWF
FSR, 0
Before Instruction
W
=
0x17
FSR =
0xC2
After Instruction
W
=
0xD9
FSR =
0xC2
ANDLW
And literal with W
Syntax:
[
label ] ANDLW
k
Operands:
0
≤ k ≤ 255
Operation:
(W).AND. (k)
→ (W)
Status Affected:
Z
Encoding:
1110
kkkk
kkkk
Description:
The contents of the W register are
AND’ed with the eight-bit literal 'k'. The
result is placed in the W register
.
Words:
1
Cycles:
1
Example:
ANDLW
0x5F
Before Instruction
W=
0xA3
After Instruction
W
=
0x03
ANDWF
AND W with f
Syntax:
[
label ] ANDWF
f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(W) .AND. (f)
→ (dest)
Status Affected:
Z
Encoding:
0001
01df
ffff
Description:
The contents of the W register are
AND’ed with register 'f'. If 'd' is 0 the
result is stored in the W register. If 'd' is
'1' the result is stored back in register 'f'
.
Words:
1
Cycles:
1
Example:
ANDWF
FSR,
1
Before Instruction
W
=
0x17
FSR =
0xC2
After Instruction
W
=
0x17
FSR =
0x02
BCF
Bit Clear f
Syntax:
[
label ] BCF
f,b
Operands:
0
≤ f ≤ 31
0
≤ b ≤ 7
Operation:
0
→ (f<b>)
Status Affected:
None
Encoding:
0100
bbbf
ffff
Description:
Bit 'b' in register 'f' is cleared.
Words:
1
Cycles:
1
Example:
BCF
FLAG_REG,
7
Before Instruction
FLAG_REG = 0xC7
After Instruction
FLAG_REG = 0x47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com