Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INT201TFI Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # INT201TFI
Description  Floating Inputs Floating High-side Drive
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT201TFI Datasheet(HTML) 2 Page - Power Integrations, Inc.

  INT201TFI Datasheet HTML 1Page - Power Integrations, Inc. INT201TFI Datasheet HTML 2Page - Power Integrations, Inc. INT201TFI Datasheet HTML 3Page - Power Integrations, Inc. INT201TFI Datasheet HTML 4Page - Power Integrations, Inc. INT201TFI Datasheet HTML 5Page - Power Integrations, Inc. INT201TFI Datasheet HTML 6Page - Power Integrations, Inc. INT201TFI Datasheet HTML 7Page - Power Integrations, Inc. INT201TFI Datasheet HTML 8Page - Power Integrations, Inc. INT201TFI Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
INT201
F
2/96
2
Pin Functional Description
Pin 1:
No connection.
Pin 2:
No connection.
Pin 3:
Level shift input HSD 1 works in
conjunction with HSD 2 to provide
interface from the low side control logic
and to give noise immunity.
Pin 4:
Level shift input HSD 2 works in
conjunction with HSD 1 to provide
interface from the low side control logic
and to give noise immunity.
Pin 5:
SOURCE connection. Analog reference
point for the circuit, normally connected
to the source of the high side MOSFET.
Pin 6:
HS OUT is the output of the MOSFET
driver for the high side.
Pin 7:
No connection.
Pin 8:
V
DDH supplies power to the control logic
and output driver.
INT201 Functional Description
5 V Regulator
The 5 V linear regulator circuit provides
the supply voltage for the noise rejection
circuitry and control logic. This allows
the logic section and the driver circuitry
to be directly compatible with 5 V CMOS
logic without the need of an external 5 V
supply.
Undervoltage Lockout
The undervoltage lockout circuit disables
the HS OUT pin whenever the V
DDH
power supply falls below 9.0 V, and
maintains this condition until the V
DDH
power supply rises above 9.35 V. This
guarantees that the high side MOSFET
will be off during power-up or fault
conditions.
Noise Immunization Circuit
This circuit provides noise immunity by
combining a sampling circuit with a
flip-flop to turn on and off the driver
only when required to and not when
there is noise on the HSD inputs.
Driver
The CMOS driver circuit provides drive
power to the gate of the MOSFET used
on the high side of the half bridge circuit.
The driver consists of a CMOS buffer
capable of driving external transistors at
up to 15 V.
The SOURCE pin is
connected to the source of the external
MOSFET to establish a reference for the
gate voltage.
Figure 3. Functional Block Diagram of the INT201.
HSD1
HSD2
VDDH
SOURCE
PI-514B-021792
HS OUT
LINEAR
REGULATOR
UV
LOCKOUT
DISCRIMINATOR
DELAY
R
Q
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com