Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC200 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Datasheet(HTML) 1 Page - Texas Instruments

  DLPC200 Datasheet HTML 1Page - Texas Instruments DLPC200 Datasheet HTML 2Page - Texas Instruments DLPC200 Datasheet HTML 3Page - Texas Instruments DLPC200 Datasheet HTML 4Page - Texas Instruments DLPC200 Datasheet HTML 5Page - Texas Instruments DLPC200 Datasheet HTML 6Page - Texas Instruments DLPC200 Datasheet HTML 7Page - Texas Instruments DLPC200 Datasheet HTML 8Page - Texas Instruments DLPC200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
DLPC200
www.ti.com
DLPS014A – APRIL 2010 – REVISED MAY 2010
DLP® Digital Controller for the DLP5500 DMD
Check for Samples: DLPC200
1
FEATURES
•
Operates the DLPA200 and DLP5500
–
Programmable reordering of patterns
•
Two 24-Bit Input Ports (RGB888) With Pixel
•
200 MHz LVDS 1.0 (DDR) DMD Interface
Clock Support up to 80 MHz
•
Supports three outputs for camera syncing
–
Port 1 supports HDMI input
•
Supports two inputs for external triggers
–
Port 2 supports input via an expansion card
•
Supports eight General Perpose I/O
•
Supports EDID via I2C
•
External Memory Support: 133 MHz DDR-2
•
Input Image Size 1024 x 768 (XGA)
SDRAM
•
Device Configuration control interface
•
Serial FLASH Interface
–
USB
•
Parallel FLASH Interface
–
SPI
•
System Control:
•
Video Input (via Port 1 or Port 2), 60 Hz:
–
Programmable LED Current Control
Adjustment of Red, Green, Blue and
–
Programmable Degamma
Infrared LEDs
–
Spatial-Temporal Multiplexing (Dithering)
–
Control of analog mirror driver (DLPA200)
•
Structured light pattern mode
–
DMD Horizontal and Vertical Image Flip
–
Download Pattern Data directly to device
–
Built-in Test Pattern Generation
–
Display patterns up to 5000 Hz for binary
–
In-field Remote Download of Firmware
patterns
Updates
–
Display patterns up to 700 Hz for 8 bits per
•
Packaged in 780-Pin Fineline Ball-Grid Array
pixel patterns
(FBGA)
DESCRIPTION
The DLPC200 performs image processing and control, along with DMD data formatting, for driving a 0.55 XGA
DMD (DLP5500).
The DLPC200 is one of three components in the 0.55 XGA Chipset (see Figure 1). Proper function and operation
of the DLP5500 requires that it be used in conjunction with the other components of the 0.55 XGA Chip-Set.
Refer to the 0.55 XGA Chip-Set Data Sheet for further details (TI literature number DLPZ004).
In DLP electronics solutions, image data is 100% digital from the DLPC200 input port to the image projected on
to the display screen. The image stays in digital form and is never converted into an analog signal. The
DLPC200 processes the digital input image and converts the data into a format needed by the DMD. The DMD
then reflects light to the screen using binary pulse-width-modulation (PWM) for each pixel mirror.
The DLPC200 interfaces with an LED driver via an SPI interface. It sends strobes to indicate when each of the
red, green, blue or infrared LEDs should be enabled or disabled and command packets are used to control the
brightness of the LEDs.
Commands or programmable patterns can be input to the DLPC200 over either a SPI interface or an USB
interface. When patterns are used the DLPC200 can be synchronized to a camera or external source. This
allows the external interface to sync to the patterns displayed or for the patterns to be synchronized to the
external source.
The DLCP200 allows the user to redefine the display order of the patterns that have been downloaded to
memory. This allows any pattern stored in memory to be displayed in any order. Degamma and dithering are
never applied to patterns but can be applied to data processed through either of the two pixel ports.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DLPC200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
DLP짰 Digital Controller for the DLP5500 DMD
DLPC200 TI1-DLPC200 Datasheet
1Mb / 52P
DLP Digital Controller
DLPC200 TI1-DLPC200 Datasheet
1Mb / 52P
DLP Digital Controller for the DLP5500 DMD
DLPC200ZEW TI-DLPC200ZEW Datasheet
968Kb / 41P
DLP짰 Digital Controller for the DLP5500 DMD
DLPC200ZEW TI1-DLPC200ZEW Datasheet
1Mb / 52P
DLP Digital Controller
More results

Similar Description - DLPC200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA200 TI-DLPA200 Datasheet
272Kb / 20P
DLP짰 DLPA200 DMD Micromirror Driver
DLPA200 TI-DLPA200_1 Datasheet
272Kb / 20P
DLP짰 DLPA200 DMD Micromirror Driver
DLPC200 TI-DLPC200_1 Datasheet
968Kb / 41P
DLP짰 Digital Controller for the DLP5500 DMD
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
DLP짰 0.3 WVGA Series 220 DMD
DLPC100 TI1-DLPC100 Datasheet
495Kb / 25P
DLP짰 Digital Controller for the DLP1700 DMD
DLPC300 TI1-DLPC300 Datasheet
726Kb / 39P
DLP짰 Digital Controller for the DLP3000 DMD
DLPC350 TI-DLPC350 Datasheet
1Mb / 50P
DLP Digital Controller for the DLP4500 DMD
DLPC350ZFF TI1-DLPC350ZFF Datasheet
1Mb / 50P
DLP Digital Controller for the DLP4500 DMD
DLPA200_15 TI-DLPA200_15_15 Datasheet
431Kb / 29P
DLPA200 DLP짰 DMD Micromirror Driver9
DLPC200 TI1-DLPC200_17 Datasheet
1Mb / 52P
DLP Digital Controller for the DLP5500 DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com