Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5050MDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050MDREP
Description  LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5050MDREP Datasheet(HTML) 1 Page - Texas Instruments

  REF5050MDREP Datasheet HTML 1Page - Texas Instruments REF5050MDREP Datasheet HTML 2Page - Texas Instruments REF5050MDREP Datasheet HTML 3Page - Texas Instruments REF5050MDREP Datasheet HTML 4Page - Texas Instruments REF5050MDREP Datasheet HTML 5Page - Texas Instruments REF5050MDREP Datasheet HTML 6Page - Texas Instruments REF5050MDREP Datasheet HTML 7Page - Texas Instruments REF5050MDREP Datasheet HTML 8Page - Texas Instruments REF5050MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ADS8326
REF5040
REF
V
OUT
GND
+IN
-IN
V
IN
+5V
OPA365
Input
Signal
0V to 4V
+5V
+5V
V
DD
GND
C
BYPASS
1 F
m
R
1
50W
C
1
1.2nF
C
2
22 F
m
1
2
3
4
8
7
6
5
DNC
(1)
NC
(2)
TRIM/NR
DNC
(1)
V
IN
TEMP
GND
V
OUT
REF50xx
(1) DNC = Do not connect.
(2) NC = No internal connection.
NOTES:
D PACKAGE
(TOP VIEW)
REF5020-EP, REF5025-EP
REF5040-EP, REF5050-EP
www.ti.com
SBOS471A – APRIL 2010 – REVISED JUNE 2010
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
Check for Samples: REF5020-EP, REF5025-EP, REF5040-EP, REF5050-EP
1
FEATURES
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
2
•
LOW TEMPERATURE DRIFT:
•
Controlled Baseline
5 ppm/°C (max)
•
One Assembly/Test Site
•
HIGH ACCURACY:
•
One Fabrication Site
0.08% (max)
•
Available in Military (–55°C/125°C)
•
LOW NOISE: 3 mVPP/V
Temperature Range(1)
•
HIGH OUTPUT CURRENT: ±10 mA
•
Extended Product Life Cycle
•
Extended Product-Change Notification
APPLICATIONS
•
Product Traceability
•
16-BIT DATA ACQUISITION SYSTEMS
DESCRIPTION
•
ATE EQUIPMENT
•
INDUSTRIAL PROCESS CONTROL
The REF50xx is a family of low-noise, low-drift, very
high precision voltage references. These references
•
MEDICAL INSTRUMENTATION
are capable of both sinking and sourcing, and are
•
OPTICAL CONTROL SYSTEMS
very robust with regard to line and load changes.
•
PRECISION INSTRUMENTATION
(1)
Custom temperature ranges available
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - REF5050MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF5050MDREP TI-REF5050MDREP Datasheet
541Kb / 18P
LOW-NOISE,VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
REF5050MDREP TI1-REF5050MDREP Datasheet
1Mb / 29P
Low-Noise, Very Low Drift, Precision Voltage Reference
More results

Similar Description - REF5050MDREP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF5020 BURR-BROWN-REF5020 Datasheet
468Kb / 16P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF5010 TI-REF5010 Datasheet
614Kb / 20P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020-EP TI-REF5020-EP_1 Datasheet
541Kb / 18P
LOW-NOISE,VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5025-HT TI1-REF5025-HT Datasheet
446Kb / 16P
LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5050AQDRQ1 TI1-REF5050AQDRQ1 Datasheet
1Mb / 21P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI1-REF5010 Datasheet
3Mb / 38P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020-EP TI1-REF5020-EP Datasheet
1Mb / 29P
Low-Noise, Very Low Drift, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com