Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP402 Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # SMP402
Description  20-72 VDC Input Non-isolated DC Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SMP402 Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button SMP402 Datasheet HTML 8Page - Power Integrations, Inc. SMP402 Datasheet HTML 9Page - Power Integrations, Inc. SMP402 Datasheet HTML 10Page - Power Integrations, Inc. SMP402 Datasheet HTML 11Page - Power Integrations, Inc. SMP402 Datasheet HTML 12Page - Power Integrations, Inc. SMP402 Datasheet HTML 13Page - Power Integrations, Inc. SMP402 Datasheet HTML 14Page - Power Integrations, Inc. SMP402 Datasheet HTML 15Page - Power Integrations, Inc. SMP402 Datasheet HTML 16Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SMP402
D
1/96
12
10
10
10
10
1
10
100 1000
-1
-2
-3
0.1
1
10
100
-4
Time (s)
TRANSIENT THERMAL IMPEDANCE
8
6
0
0
25
50
75
100
125
4
Case Temperature (
°C)
PACKAGE POWER DERATING
2
Tj = 120°C
PI-1846-050196
16
1
A
L
C
DIM
inches
mm
A
.398-.413
10.10-10.50
B
.050 BSC
1.27 BSC
C
.014-.018
0.36-0.46
E
.093-.104
2.35-2.65
F
.004-.012
0.10-0.30
J
.394-.418
10.01-10.62
L
.009-.012
0.23-0.32
M
.020-.040
0.51-1.02
N
.291-.299
7.40-7.60
9
8
B
E
F
J
0-8˚ TYP.
M
N
Notes:
1. Package dimensions conform to JEDEC
specification MS-013-AA for standard small outline
(SO) package, 16 leads, 7.50 mm (.300 inch) body
width (issue A, June 1985).
2. Controlling dimensions are in mm.
3. Dimensions are for the molded body and do not
include mold flash or protrusions. Mold flash or
protrusions shall not exceed .15 mm (.006 inch) on
any side.
4. Pin 1 side identified by chamfer on top edge of
the package body or indent on Pin 1 end.
(3)
(3)
S16A
Plastic SO-16 (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com