Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1175CT Datasheet(PDF) 5 Page - Linear Technology

Part # LT1175CT
Description  500mA Negative Low Dropout Micropower Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175CT Datasheet(HTML) 5 Page - Linear Technology

  LT1175CT Datasheet HTML 1Page - Linear Technology LT1175CT Datasheet HTML 2Page - Linear Technology LT1175CT Datasheet HTML 3Page - Linear Technology LT1175CT Datasheet HTML 4Page - Linear Technology LT1175CT Datasheet HTML 5Page - Linear Technology LT1175CT Datasheet HTML 6Page - Linear Technology LT1175CT Datasheet HTML 7Page - Linear Technology LT1175CT Datasheet HTML 8Page - Linear Technology LT1175CT Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LT1175

1175fe
Typical perForMance characTerisTics
Typical Current Limit
Characteristics
Guaranteed Current Limit
Output Voltage Temperature Drift
Minimum Input-to-Output Voltage
Minimum Input-to-Output Voltage
SENSE Bias Current
(Adjustable Part)
elecTrical characTerisTics
Note 8: Thermal regulation is a change in the output voltage caused by
die temperature gradients, so it is proportional to chip power dissipation.
Temperature gradients reach final value in less than 100ms. Output voltage
changes after 100ms are due to absolute die temperature changes and
reference voltage temperature coefficient.
Note 9: The lower limit of 0.8V is guaranteed to keep the regulator in
shutdown. The upper limit of 2.5V is guaranteed to keep the regulator
active. Either polarity may be used, referenced to GND pin.
Note 10: Load and line regulation are measured on a pulse basis with
pulse width of 20ms or less to keep chip temperature constant. DC
regulation will be affected by thermal regulation (Note 8) and chip
temperature changes. Load regulation specification also holds for currents
up to the specified current limit when ILIM2 or ILIM4 are left open.
Note 11: Current limit is reduced for input-to-output voltage above 12V.
See the graph in Typical Performance Characteristics for guaranteed limits
above 12V.
Note 12: Operating at very large input-to-output differential voltages
(>15V) with load currents less than 5mA requires an output capacitor with
an ESR greater than 1Ω to prevent low level output oscillations.
INPUT-TO-OUTPUT DIFFERENTIAL VOLTAGE (V)
0
1.0
0.8
0.6
0.4
0.2
0
20
1175 G01
5
10
15
25
ILIM2, ILIM4 TIED TO VIN
ILIM2, ILIM4 OPEN
ILIM4 TIED TO VIN
ILIM2 TIED TO VIN
CURRENT LIMIT CHANGES ONLY SLIGHTLY
WITH TEMPERATURE SO CURVES ARE
REPRESENTATIVE OF ALL TEMPERATURES
INPUT-TO-OUTPUT DIFFERENTIAL VOLTAGE (V)
0
0.6
0.5
0.4
0.3
0.2
0.1
0
5
10
15
20
1175 G02
25
CURVES REPRE-
SENT MINIMUM
GUARANTEED
LIMITS AT ALL
TEMPERATURES
ILIM2, ILIM4 OPEN
ILIM4 TIED TO VIN
ILIM2 TIED TO VIN
ILIM2, ILIM4 TIED TO VIN
JUNCTION TEMPERATURE (°C)
–50
5.05
5.00
4.95
3.84
3.80
3.76
0
50
75
1175 G03
–25
25
100 125
OUTPUT
FIXED 5V PART
FEEDBACK VOLTAGE
ADJUSTABLE PART
OUTPUT CURRENT (A)
0
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.5
1175 G04
0.1
0.3
0.6
0.7
TJ = 25°C
VIN REDUCED
UNTIL OUTPUT
VOLTAGE
DROPS 1%
ILIM2, ILIM4
OPEN
ILIM2, ILIM4
TIED TO VIN
ILIM4 TIED
TO VIN
ILIM2 TIED
TO VIN
OUTPUT CURRENT (A)
0
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.5
1175 G05
0.1
0.3
0.6
0.7
VIN REDUCED UNTIL OUTPUT
VOLTAGE DROPS 1%.
ILIM2, ILIM4 TIED TO VIN
TJ = 125°C
TJ = –55°C
TJ = 25°C
TEMPERATURE (°C)
–50
100
80
60
40
20
0
0
50
75
1175 G06
–25
25
100 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com