Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1369CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1369CS
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1369CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1369CS Datasheet HTML 7Page - Linear Technology LT1369CS Datasheet HTML 8Page - Linear Technology LT1369CS Datasheet HTML 9Page - Linear Technology LT1369CS Datasheet HTML 10Page - Linear Technology LT1369CS Datasheet HTML 11Page - Linear Technology LT1369CS Datasheet HTML 12Page - Linear Technology LT1369CS Datasheet HTML 13Page - Linear Technology LT1369CS Datasheet HTML 14Page - Linear Technology LT1369CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT1366/LT1367
LT1368/LT1369

1366fb
Typical perForMance characTerisTics
(The data presented here applies to the LT1366/LT1367/LT1368/LT1369 unless otherwise noted.)
THD + Noise vs Frequency
Large-Signal Response
(LT1366/LT1367)
Small-Signal Response
(LT1366/LT1367)
FREQUENCY (kHz)
0.01
0.001
0.01
0.1
1
0.1
1
10
LT1366 TPC28
VS = ±1.5V
VIN = 2VP-P
RL = 10k
AV = 1
AV = –1
0V
100µs/DIV
LT1366 TPC29
VS = ±15V
UNITY GAIN
2µs/DIV
LT1366 TPC30
VS = ±15V
UNITY GAIN
applicaTions inForMaTion
Rail-to-Rail Operation
TheLT1366familydiffersfromconventionalopampsinthe
design of both the input and output stages. Figure 1 shows
a simplified schematic of the amplifier. The input stage
consists of two differential amplifiers, a PNP stage Q1/Q2
and an NPN stage Q3/Q4, which are active over different
portionsoftheinputcommonmoderange.Lateraldevices
are used in both input stages, eliminating the need for
clamps across the input pins. Each input stage is trimmed
for offset voltage. A complementary output configuration
(Q23 through Q26) is employed to create an output stage
with rail-to-rail swing. The amplifier is fabricated on Linear
Q24
D7
Q23
Q25
V
V
V
V+
V+
V+
V+
V
C1
C2
Q26
D8
Q22
Q21
D6
Q17
Q16
Q18
Q15
Q19
Q20
D5
D4
D7
Q11
I1
Q10
Q14
CC
Q13
Q9
Q8
Q7
D2
Q1 Q2
Q5
D1
Q3 Q4
Q6
D3
Q12
OUT
V+
– 300mV
V+
V
IN+
IN
LT1366 FO1
Figure 1. LT1366 Simplified Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com