Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5281IPFP Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFP
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFP Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS5281IPFP Datasheet HTML 28Page - Texas Instruments ADS5281IPFP Datasheet HTML 29Page - Texas Instruments ADS5281IPFP Datasheet HTML 30Page - Texas Instruments ADS5281IPFP Datasheet HTML 31Page - Texas Instruments ADS5281IPFP Datasheet HTML 32Page - Texas Instruments ADS5281IPFP Datasheet HTML 33Page - Texas Instruments ADS5281IPFP Datasheet HTML 34Page - Texas Instruments ADS5281IPFP Datasheet HTML 35Page - Texas Instruments ADS5281IPFP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
www.ti.com
Driving Circuit
4.7
W
4.7
W
0.1 F
m
0.1 F
m
25
W
25
W
1:1
IN
P
V
CM
IN
N
0.1 F
m
50
W
50
W
200
W
200
W
IN
P
V
CM
IN
N
0.1 F
m
1:2
2:1
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
At high input frequencies, the mismatch in the
transformer
parasitic
capacitance
(between
the
For optimum performance, the analog inputs must be
windings) results in degraded even-order harmonic
driven differentially. This approach improves the
performance.
Connecting
two
identical
RF
common-mode
noise
immunity
and
even-order
transformers back-to-back helps to minimize this
harmonic rejection. Input configurations using RF
mismatch, and good performance is obtained for
transformers
suitable
for
low
and
high
input
high-frequency
input
signals.
An
additional
frequencies are shown in Figure 36 and Figure 37,
termination resistor pair is required between the two
respectively. The single-ended signal is fed to the
transformers, as shown in Figure 37. The center point
primary
winding
of
the
RF
transformer.
The
of this termination is connected to ground to improve
transformer is terminated by 50
Ω resistor on the
the balance between the positive and negative sides.
secondary side. Placing the termination on the
The
values
of
the
terminations
between
the
secondary side helps to shield the kicks caused by
transformers and on the secondary side must be
the
input
sampling
capacitors
from
the
RF
chosen to achieve an overall 50
Ω (in the case of 50Ω
transformer leakage inductances. The termination is
source impedance).
accomplished by two 25
Ω resistors, connected in
series, with the center point connected to the 1.5V
common-mode. The 4.7
Ω resistor in series with each
input pin is required to damp the ringing caused by
the device package parasitics.
Figure 36. Drive Circuit at Low Input Frequencies
Figure 37. Drive Circuit at High Input Frequencies
32
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com