Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JBX3OUTLP07 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # JBX3OUTLP07
Description  JBX PLUG ASSEMBLY INSTRUCTIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JBX3OUTLP07 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  JBX3OUTLP07 Datasheet HTML 1Page - List of Unclassifed Manufacturers JBX3OUTLP07 Datasheet HTML 2Page - List of Unclassifed Manufacturers JBX3OUTLP07 Datasheet HTML 3Page - List of Unclassifed Manufacturers JBX3OUTLP07 Datasheet HTML 4Page - List of Unclassifed Manufacturers JBX3OUTLP07 Datasheet HTML 5Page - List of Unclassifed Manufacturers JBX3OUTLP07 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
REV 4 – April 14, 2004
11. If the connector requires a protective boot, slide the boot over the lip on the back nut.
12. Potting of backend of plug with clipped contacts:
Clipped contacts are designed to float in the connector so that they self align when mated. It is
sometimes necessary to pot the back end of the connector so that the contacts are sealed off from the
environment. When this application is needed, it is recommended that the assembler engage a mating
connector/alignment tool to the assembly being potted. Once the mating connector/alignment tool is
engaged, it must be left engaged until the potting compound has hardened. This will insure that the
true position requirements are met. If the application is for low volume, a mating connector can be
used. If the application is for high volume, it is recommended that an alignment tool be purchased
from the supplier.
Trouble Shooting
Problem:
Cause:
Correction:
Contact will not seat in
connector, contact backing out.
Wrong wire or insulation size, wrong strip
length, poor crimping, broken clips,
damaged insulator, removed contact without
proper removal tool, bad crimp.
Use correct wire, adjust strip length, strip and
re-crimp with new contact, replace insulator,
using wrong crimp tool, replace contact.
Bent in handling, bent in soldering
operation, connector assembled incorrectly.
Bent solder contact
Pins and insulator were inserted into
electrical test while unprotected by
shell
Replace insert with contacts.
Connector will not release
from mating part or operate
correctly
Not using flats on latching sleeve and back
nut to torque connector, improper assembly
of the connector, over mold material inside
connector.
Release back nut and re-torque, disassemble
and reassemble, replace connector.
Over tightened the back nut.
Connector will not release from mating part
or operate correctly, damage connector.
Loosen back nut and retighten.
Collet will not grip cable.
Loose cable in connector.
Check correct collet size is being used.
Connector will not assemble.
Incorrect alignment of key in connector,
half bushings, connector housing, insulator,
collet, braid in key slots in collet.
Disassemble connector and reassemble
connector-aligning keys, relocate braid in
collet.
Contact stubbing after mating.
Bent contact and damaged contact,
connector-assembled incorrectly.
Re-align contact, replace insert with contacts.
Electrical failure.
Improper crimping, wrong wire strip length,
wire loading incorrect location, poor solder
joint.
Remove contact with correct removal tool,
reinstall new contact, and verify strip length.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com