| Electronic Components Datasheet Search |
|
JBX2OUTLT20 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
JBX2OUTLT20 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 6 page ![]() REV 4 – April 14, 2004 11. If the connector requires a protective boot, slide the boot over the lip on the back nut. 12. Potting of backend of plug with clipped contacts: Clipped contacts are designed to float in the connector so that they self align when mated. It is sometimes necessary to pot the back end of the connector so that the contacts are sealed off from the environment. When this application is needed, it is recommended that the assembler engage a mating connector/alignment tool to the assembly being potted. Once the mating connector/alignment tool is engaged, it must be left engaged until the potting compound has hardened. This will insure that the true position requirements are met. If the application is for low volume, a mating connector can be used. If the application is for high volume, it is recommended that an alignment tool be purchased from the supplier. Trouble Shooting Problem: Cause: Correction: Contact will not seat in connector, contact backing out. Wrong wire or insulation size, wrong strip length, poor crimping, broken clips, damaged insulator, removed contact without proper removal tool, bad crimp. Use correct wire, adjust strip length, strip and re-crimp with new contact, replace insulator, using wrong crimp tool, replace contact. Bent in handling, bent in soldering operation, connector assembled incorrectly. Bent solder contact Pins and insulator were inserted into electrical test while unprotected by shell Replace insert with contacts. Connector will not release from mating part or operate correctly Not using flats on latching sleeve and back nut to torque connector, improper assembly of the connector, over mold material inside connector. Release back nut and re-torque, disassemble and reassemble, replace connector. Over tightened the back nut. Connector will not release from mating part or operate correctly, damage connector. Loosen back nut and retighten. Collet will not grip cable. Loose cable in connector. Check correct collet size is being used. Connector will not assemble. Incorrect alignment of key in connector, half bushings, connector housing, insulator, collet, braid in key slots in collet. Disassemble connector and reassemble connector-aligning keys, relocate braid in collet. Contact stubbing after mating. Bent contact and damaged contact, connector-assembled incorrectly. Re-align contact, replace insert with contacts. Electrical failure. Improper crimping, wrong wire strip length, wire loading incorrect location, poor solder joint. Remove contact with correct removal tool, reinstall new contact, and verify strip length. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |