Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5281IPFPRG4 Datasheet(PDF) 17 Page - Texas Instruments

Part # ADS5281IPFPRG4
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFPRG4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5281IPFPRG4 Datasheet HTML 13Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 14Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 15Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 16Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 17Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 18Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 19Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 20Page - Texas Instruments ADS5281IPFPRG4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
www.ti.com
SUMMARY OF FEATURES
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
Table 3. SUMMARY OF FUNCTIONS SUPPORTED BY SERIAL INTERFACE (continued)
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
DESCRIPTION
DEFAULT
Single-
1
X
DIFF_CLK
Differential clock mode.
ended clock
Enables the duty-cycle correction
1
X
EN_DCC
Disabled
circuit.
External
42
Drives the external reference
reference
1
X
EXT_REF_VCM
mode through the VCM pin.
drives REFT
and REFB
Controls the phase of LCLK
1
X
X
PHASE_DDR<1:0>
90 degrees
output relative to data.
0
X
PAT_DESKEW
Enables deskew pattern mode.
Inactive
45
X
0
PAT_SYNC
Enables sync pattern mode.
Inactive
Binary two's complement format
Straight
1
1
X
BTC_MODE
for ADC output.
offset binary
Serialized ADC output comes
LSB-first
1
1
X
MSB_FIRST
out MSB-first.
output
Enables SDR output mode
DDR output
46
1
1
X
EN_SDR
(LCLK becomes a 12x input
mode
clock).
Controls whether the LCLK rising
Rising edge
or falling edge comes in the
of LCLK in
1
X
1
1
FALL_SDR
middle of the data window when
middle of
operating in SDR output mode.
data window
POWER IMPACT (relative to default)
FEATURES
DEFAULT
SELECTION
AT fS = 65MSPS
ANALOG FEATURES
Internal or external reference
Internal reference mode uses approximately 23mW more
N/A
Pin
(driven on the REFT and REFB pins)
power on AVDD
External reference driven on the
Off
Register 42
Approximately 9mW less power on AVDD
VCM pin
Duty cycle correction circuit
Off
Register 42
Approximately 7mW more power on AVDD
With zero input to the ADC, low-frequency noise suppression
Low-frequency noise suppression
Off
Register 14
causes digital switching at fS/2, thereby increasing LVDD
power by approximately 7mW/channel
Differential clock mode uses approximately 7mW more power
Single-ended or differential clock
Single-ended
Register 42
on AVDD
Refer to the Power-Down Modes section in the Electrical
Power-down mode
Off
Pin and register 0F
Characteristics table
DIGITAL FEATURES
Programmable digital gain (0dB to
Registers 2A and
0dB
No difference
12dB)
2B
Straight offset or BTC output
Straight offset
Register 46
No difference
Swap polarity of analog input pins
Off
Register 24
No difference
LVDS OUTPUT PHYSICAL LAYER
LVDS internal termination
Off
Register 12
Approximately 7mW more power on AVDD
LVDS current programmability
3.5mA
Register 11
As per LVDS clock and data buffer current setting
LVDS OUTPUT TIMING
LSB- or MSB-first output
LSB-first
Register 46
No difference
SDR mode uses approximately 2mW more power on LVDD
DDR or SDR output
DDR
Register 46
(at fS = 30MSPS)
Refer to
LCLK phase relative to data output
Register 42
No difference
Figure 1
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com