Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP209 Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # TOP209
Description  Three-terminal Off-line PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP209 Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button TOP209 Datasheet HTML 8Page - Power Integrations, Inc. TOP209 Datasheet HTML 9Page - Power Integrations, Inc. TOP209 Datasheet HTML 10Page - Power Integrations, Inc. TOP209 Datasheet HTML 11Page - Power Integrations, Inc. TOP209 Datasheet HTML 12Page - Power Integrations, Inc. TOP209 Datasheet HTML 13Page - Power Integrations, Inc. TOP209 Datasheet HTML 14Page - Power Integrations, Inc. TOP209 Datasheet HTML 15Page - Power Integrations, Inc. TOP209 Datasheet HTML 16Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
A
8/97
12
TOP209/210
2
NOTES: (continued)
i. The 470
Ω 5 W load resistor at the DRAIN pin should be shorted. S1 & S2 should stay closed.
ii. The 40 V output supply should be replaced with a curve tracer capable of forcing 700 V.
iii. The curve tracer should initially be set at 0 V. The 0-50 V variable supply should be adjusted through a voltage
sequence of 0 V, 6.5 V, 4.2 V, and 6.5 V.
iv. The breakdown and the leakage measurements can now be taken with the curve tracer. The maximum
voltage from the curve tracer must be limited to 700 V under all conditions.
C. It is possible to start up and operate TOPSwitch at DRAIN voltages well below 36 V. However, the CONTROL pin
charging current is reduced, which affects start-up time and auto-restart frequency and duty cycle. Refer to the
characteristic graph on CONTROL pin charge current (I
C) vs. DRAIN voltage for low voltage operation characteristics.
PI-1733-122095
0.1
µF
47
µF
0-50 V
40 V
470
Ω
5 W
S2
S1
470
Ω
NOTE: This test circuit is not applicable for current limit or output characteristic measurements.
DC
S
S
Figure 12. TOPSwitch General Test Circuit.
Figure 10. TOPSwitch Duty Cycle Measurement.
Figure 11. TOPSwitch CONTROL Pin I-V Characteristic.
120
100
80
40
20
60
0
02
4
6
8
10
CONTROL Pin Voltage (V)
TYPICAL CONTROL PIN I-V CHARACTERISTIC
1
Slope
Dynamic
Impedance
=
PI-2048-050798
DRAIN
VOLTAGE
HV
0 V
90%
10%
90%
t2
t1
D =
t1
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com