Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2620IGNPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2620IGNPBF
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2620IGNPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2620IGNPBF Datasheet HTML 5Page - Linear Technology LTC2620IGNPBF Datasheet HTML 6Page - Linear Technology LTC2620IGNPBF Datasheet HTML 7Page - Linear Technology LTC2620IGNPBF Datasheet HTML 8Page - Linear Technology LTC2620IGNPBF Datasheet HTML 9Page - Linear Technology LTC2620IGNPBF Datasheet HTML 10Page - Linear Technology LTC2620IGNPBF Datasheet HTML 11Page - Linear Technology LTC2620IGNPBF Datasheet HTML 12Page - Linear Technology LTC2620IGNPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC2600/LTC2610/LTC2620
9
2600fe
TYPICAL PERFORMANCE CHARACTERISTICS
LOGIC VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
2600 G13
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
1.5
VCC = 5V
SWEEP SCK, SDI
AND CS/LD
0V TO VCC
2.5μs/DIV
VOUT
0.5V/DIV
CS/LD
5V/DIV
2600 G14
VCC = 5V
VREF = 2V
DACs A TO G IN
POWER-DOWN MODE
VOUT
1V/DIV
1μs/DIV
2600 G15
CLR
5V/DIV
Exiting Power-Down to Mid-Scale
Hardware CLR
Supply Current vs Logic Voltage
1V/DIV
0mA
2600 G18
VCC = 5.5V
VREF = 5.6V
CODE = 0
VOUT SWEPT 0V TO VCC
1V/DIV
0mA
2600 G19
VCC = 5.5V
VREF = 5.6V
CODE = FULL SCALE
VOUT SWEPT VCC TO 0V
Short-Circuit Output Current
vs VOUT (Sinking)
Short-Circuit Output Current
vs VOUT (Sourcing)
FREQUENCY (Hz)
1k
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
–30
–33
–36
1M
2600 G16
10k
100k
VCC = 5V
VREF (DC) = 2V
VREF (AC) = 0.2VP-P
CODE = FULL SCALE
VOUT
10μV/DIV
SECONDS
0123456789
10
2600 G17
Output Voltage Noise,
0.1Hz to 10Hz
Multiplying Bandwidth
LTC2600/LTC2610/LTC2620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com