Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE5801 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 3 Page - Texas Instruments

  AFE5801 Datasheet HTML 1Page - Texas Instruments AFE5801 Datasheet HTML 2Page - Texas Instruments AFE5801 Datasheet HTML 3Page - Texas Instruments AFE5801 Datasheet HTML 4Page - Texas Instruments AFE5801 Datasheet HTML 5Page - Texas Instruments AFE5801 Datasheet HTML 6Page - Texas Instruments AFE5801 Datasheet HTML 7Page - Texas Instruments AFE5801 Datasheet HTML 8Page - Texas Instruments AFE5801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
AFE5801
QFN-64
9mm×9mm
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
RGCPACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
64
18
63
19
62
20
61
21
60
22
59
23
58
24
57
25
56
26
55
27
54
28
53
29
52
30
51
31
50
32
49
P0056-13
IN1P
D2P
D5M
IN1M
IN2P
IN3P
IN2M
IN4P
IN3M
IN4M
D3M
D4M
D4P
DCLKM
DCLKP
FCLKP
D7M
IN7M
IN7P
D6M
D6P
IN6M
D7P
IN8P
IN8M
FCLKM
D5P
IN5P
IN5M
IN6P
D2M
D3P
AFE5801
www.ti.com
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
PINOUT
TERMINAL FUNCTIONS
Name
NUMBER
DESCRIPTION
AVSS
20, 23, 61, 63
Analog ground
AVDD18
19, 24, 62
1.8V analog supply voltage
AVDD3
18
3.3V analog supply voltage
CLKINP, CLKINM
21, 22
Differential clock input pins. Single-ended clock is also supported. See the Clock Inputs section.
D1P/M–D8P/M
50–43, 38–31
LVDS outputs for channels 1 to 8
DCLKM, DCLKP
41, 42
LVDS bit clock output
DVSS
29, 52
Digital ground
DVDD18
28(1), 30, 51
1.8V LVDS buffer supply voltage
FCLKM, FCLKP
39, 40
LVDS frame clock output
IN1P/M–IN8P/M
1–16
Differential analog input pins for channels 1 to 8
NC
26, 27, 60
Do not connect
PDN
59
Global power-down control input (active-high). 100k
Ω pulldown resistor
RESET
57
Hardware reset pin (active-high). 100k
Ω pulldown resistor
SCLK
56
Serial interface clock input. 100k
Ω pulldown resistor
SDATA
55
Serial interface data input. 100k
Ω pulldown resistor
SDOUT
53
Serial interface data readout
SEN
54
Serial interface enable. 100k
Ω pullup resistor
SYNC
58
TGC/VGA synchronization signal input. 100k
Ω pulldown resistor
VCM
17, 64
Common-mode output pins for possible bias of the analog input signals
VREF_IN
25
Reference input in the external reference mode
Thermal pad
Bottom of package
Connect to AVSS
(1)
Pin 28 can be connected to the 1.8V or 3.3V supply, whichever is easier for user. It does not affect the performance.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com