Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5050-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # REF5050-Q1
Description  LOW NOISE, VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5050-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  REF5050-Q1 Datasheet HTML 1Page - Texas Instruments REF5050-Q1 Datasheet HTML 2Page - Texas Instruments REF5050-Q1 Datasheet HTML 3Page - Texas Instruments REF5050-Q1 Datasheet HTML 4Page - Texas Instruments REF5050-Q1 Datasheet HTML 5Page - Texas Instruments REF5050-Q1 Datasheet HTML 6Page - Texas Instruments REF5050-Q1 Datasheet HTML 7Page - Texas Instruments REF5050-Q1 Datasheet HTML 8Page - Texas Instruments REF5050-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
REF5020-Q1, REF5025-Q1, REF5030-Q1
REF5040-Q1, REF5045-Q1, REF5050-Q1
SBOS456B – SEPTEMBER 2008 – REVISED APRIL 2009 ............................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)(2)
PRODUCT
OUTPUT VOLTAGE
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
STANDARD GRADE (8 ppm, 0.1%)
REF5020A
2.048 V
SO-8
D
RFQ5020
REF5025A
2.5 V
SO-8
D
RFQ5025
REF5030A
3.0 V
SO-8
D
PREVIEW
REF5040A
4.096 V
SO-8
D
PREVIEW
REF5045A
4.5 V
SO-8
D
RFQ5045
REF5050A
5.0 V
SO-8
D
PREVIEW
HIGH GRADE (3 ppm, 0.05%)
REF5020I
2.048 V
SO-8
D
RFQ5020
REF5025I
2.5 V
SO-8
D
PREVIEW
REF5030I
3.0 V
SO-8
D
PREVIEW
REF5040I
4.096 V
SO-8
D
PREVIEW
REF5045I
4.5 V
SO-8
D
PREVIEW
REF5050I
5.0 V
SO-8
D
PREVIEW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
PARAMETER
REF50xx
UNIT
Input Voltage
+18
V
Output Short-Circuit
30
mA
Operating Temperature Range
–55 to +125
°C
Storage Temperature Range
–65 to +150
°C
Junction Temperature (TJ max)
+150
°C
Human Body Model (HBM)
3000
V
ESD Rating
Charged Device Model (CDM)
1000
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com