Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM2882 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM2882
Description  Dual Isolated RS232 關Module Transceiver Power
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2882 Datasheet(HTML) 2 Page - Linear Technology

  LTM2882 Datasheet HTML 1Page - Linear Technology LTM2882 Datasheet HTML 2Page - Linear Technology LTM2882 Datasheet HTML 3Page - Linear Technology LTM2882 Datasheet HTML 4Page - Linear Technology LTM2882 Datasheet HTML 5Page - Linear Technology LTM2882 Datasheet HTML 6Page - Linear Technology LTM2882 Datasheet HTML 7Page - Linear Technology LTM2882 Datasheet HTML 8Page - Linear Technology LTM2882 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTM2882
2
2882fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC to GND .................................................. –0.3V to 6V
VL to GND .................................................... –0.3V to 6V
VCC2 to GND2............................................... –0.3V to 6V
Logic Inputs
T1IN, T2IN, ON, DIN to GND .......–0.3V to (VL + 0.3V)
DE to GND2 ............................–0.3V to (VCC2 + 0.3V)
Logic Outputs
R1OUT, R2OUT to GND...............–0.3V to (VL + 0.3V)
DOUT to GND2........................–0.3V to (VCC2 + 0.3V)
Driver Output Voltage
T1OUT, T2OUT to GND2...........................–15V to 15V
Receiver Input Voltage
R1IN, R2IN to GND2 ............................... –25V to 25V
Operating Temperature Range (Note 4)
LTM2882C .........................................0°C ≤ TA ≤ 70°C
LTM2882I ..................................... –40°C ≤ TA ≤ 85°C
Storage Temperature Range .................. –55°C to 125°C
Peak Reflow Temperature (Soldering, 10 sec)....... 245°C
(Note 1)
VCC
GND
GND2
A
B
C
D
E
F
G
H
I
J
K
L
12345678
TOP VIEW
VCC2
VL
ON
DIN
T1IN
R1OUT
T2IN
DE
DOUT
T1OUT
R1IN
T2OUT
R2IN
R2OUT
BGA PACKAGE
32-PIN (15mm
11.25mm
3.42mm)
TJMAX = 125°C,
JA = 30°C/W,
JCTOP = 27.8°C/W,
JCBOTTOM = 19.3°C/W,
JB = 24°C/W,
WEIGHT = 1.1g
LGA PACKAGE
32-PIN (15mm
11.25mm
2.8mm)
TJMAX = 125°C,
JA = 29°C/W,
JCTOP = 27.9°C/W,
JCBOTTOM = 18°C/W,
JB = 22.7°C/W,
WEIGHT = 1.1g
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM2882CY-3#PBF
LTM2882CY-3#PBF
LTM2882Y-3
32-Pin (15mm
× 11.25mm × 3.42mm) BGA 0°C to 70°C
LTM2882IY-3#PBF
LTM2882IY-3#PBF
LTM2882Y-3
32-Pin (15mm
× 11.25mm × 3.42mm) BGA –40°C to 85°C
LTM2882CY-5#PBF
LTM2882CY-5#PBF
LTM2882Y-5
32-Pin (15mm
× 11.25mm × 3.42mm) BGA 0°C to 70°C
LTM2882IY-5#PBF
LTM2882IY-5#PBF
LTM2882Y-5
32-Pin (15mm
× 11.25mm × 3.42mm) BGA –40°C to 85°C
LTM2882CV-3#PBF
LTM2882CV-3#PBF
LTM2882V-3
32-Pin (15mm
× 11.25mm × 2.8mm) LGA
0°C to 70°C
LTM2882IV-3#PBF
LTM2882IV-3#PBF
LTM2882V-3
32-Pin (15mm
× 11.25mm × 2.8mm) LGA
–40°C to 85°C
LTM2882CV-5#PBF
LTM2882CV-5#PBF
LTM2882V-5
32-Pin (15mm
× 11.25mm × 2.8mm) LGA
0°C to 70°C
LTM2882IV-5#PBF
LTM2882IV-5#PBF
LTM2882V-5
32-Pin (15mm
× 11.25mm × 2.8mm) LGA
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com