Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3071EUFD-PBF Datasheet(PDF) 13 Page - Linear Technology

Part # LT3071EUFD-PBF
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071EUFD-PBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3071EUFD-PBF Datasheet HTML 9Page - Linear Technology LT3071EUFD-PBF Datasheet HTML 10Page - Linear Technology LT3071EUFD-PBF Datasheet HTML 11Page - Linear Technology LT3071EUFD-PBF Datasheet HTML 12Page - Linear Technology LT3071EUFD-PBF Datasheet HTML 13Page - Linear Technology LT3071EUFD-PBF Datasheet HTML 14Page - Linear Technology LT3071EUFD-PBF Datasheet HTML 15Page - Linear Technology LT3071EUFD-PBF Datasheet HTML 16Page - Linear Technology LT3071EUFD-PBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT3071

3071f
block DiAgrAm
–
+
–
+
–
+
EAMP
REF/BYP
ISENSE
BUF
LDO CORE
OUT
IMON
19
21
SENSE
2
PWRGD
3
28
1
REF/BYP
600mV
3070 BD
EN
VIOC
IN
27
BIAS
5-8
VOUT(NOM) + 300mV
25
VO2
24
VO1
23
VO0
22
MARGA
15-18
DETECT
VREF
PROGRAM CONTROL
UVLO AND
THERMAL
SHUTDOWN
GND
4,9-14,20,26,29
VBIAS – 0.25V
VBIAS – 0.9V
0.75V
100k
VO2, VO1, VO0
MARGSEL OR
MARGTOL
0.25V
LOGIC HIGH STATE
LOGIC LOW STATE
LOGIC Hi-Z STATE
HIGH IF IN < VBIAS – 0.9V
AND IN > 0.75V
HIGH IF IN < 0.25V
TO LOGIC
HIGH IF IN > VBIAS – 0.25V
–
+
–
+
100k
VBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com