Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3071IUFD Datasheet(PDF) 21 Page - Linear Technology

Part # LT3071IUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071IUFD Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3071IUFD Datasheet HTML 17Page - Linear Technology LT3071IUFD Datasheet HTML 18Page - Linear Technology LT3071IUFD Datasheet HTML 19Page - Linear Technology LT3071IUFD Datasheet HTML 20Page - Linear Technology LT3071IUFD Datasheet HTML 21Page - Linear Technology LT3071IUFD Datasheet HTML 22Page - Linear Technology LT3071IUFD Datasheet HTML 23Page - Linear Technology LT3071IUFD Datasheet HTML 24Page - Linear Technology LT3071IUFD Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3071

3071f
ApplicAtions inFormAtion
Withahighinputvoltage,aproblemcanoccurwherethe
removalofanoutputshortwillnotallowtheoutputvolt-
agetorecover.Otherregulatorswithcurrentlimitfoldback
alsoexhibitthisphenomenon,soitisnotuniquetothe
LT3071.Theloadlineforsuchaloadmayintersectthe
outputcurrentcurveattwopoints:normaloperationand
theSOArestrictedloadcurrentsettings.Acommonsitu-
ationisimmediatelyaftertheremovalofashortcircuit,
butwithastaticload≥1A.Inthissituation,removalofthe
loadorreductionofIOUTto<1Awillclearthiscondition
andallowVOUTtoreturntonormalregulation.
Reverse Voltage
TheLT3071incorporatesacircuitthatdetectsifVINde-
creasesbelowVOUT.Thisreverse-voltagedetectorhas
atypicalthresholdofabout(VIN–VOUT)=–6mV.Ifthe
thresholdisexceeded,thisdetectorcircuitturnsoffthe
drivetotheinternalNMOSpasstransistor,therebyturning
offtheoutput.Theoutputpullslowwiththeloadcurrent
dischargingtheoutputcapacitance.Thiscircuit’sintent
istolimitandpreventback-feedcurrentfromOUTtoIN
iftheinputvoltagecollapsesduetoafaultoroverload
condition.
Thermal Considerations
The LT3071’s maximum rated junction temperature of
125°Climitsitspowerhandlingcapabilityandisdomi-
natedbytheoutputcurrentmultipliedbytheinput/output
voltagedifferential:
IOUT•(VIN–VOUT)
TheLT3071’sinternalpowerandthermallimitingcircuitry
protectitunderoverloadconditions.Forcontinuousnor-
malloadconditions,donotexceedthemaximumjunction
temperatureof125°C.Givecarefulconsiderationtoall
sourcesofthermalresistancefromjunctiontoambient.
Thisincludesjunctiontocase,case-to-heatsinkinterface,
heatsinkresistanceorcircuitboardtoambientasthe
applicationdictates.Also,consideradditionalheatsources
mountedinproximitytotheLT3071.TheLT3071isasurface
mountdeviceandassuch,heatsinkingisaccomplished
byusingtheheatspreadingcapabilitiesofthePCboard
and its copper traces. Surface mount heat sinks and
platedthrough-holescanalsobeusedtospreadtheheat
generated by power devices. Junction-to-case thermal
resistanceisspecifiedfromtheICjunctiontothebottom
ofthecasedirectlybelowthedie.Thisisthelowestresis-
tancepathforheatflow.Propermountingisrequiredto
ensurethebestpossiblethermalflowfromthisareaofthe
packagetotheheatsinkingmaterial.Notethattheexposed
padiselectricallyconnectedtoGND.
Table3liststhermalresistanceasafunctionofcopper
areainafixedboardsize.Allmeasurementsweretaken
instillairona4-layerFR-4boardwith1ozsolidinternal
planesand2oztop/bottomexternaltraceplaneswitha
totalboardthicknessof1.6mm.PCBlayers,copperweight,
boardlayoutandthermalviasaffecttheresultantthermal
resistance.Forfurtherinformationonthermalresistance
andhighthermalconductivitytestboards,refertoJEDEC
standard JESD51, notably JESD51-12 and JESD51-7.
Achievinglowthermalresistancenecessitatesattention
todetailandcarefulPCBlayout.
Table 3, UFD Plastic Package, 28-Lead QFN
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE* BACK SIDE
2500mm2
2500mm2
2500mm2
30°C/W
1000mm2
2500mm2
2500mm2
32°C/W
225mm2
2500mm2
2500mm2
33°C/W
100mm2
2500mm2
2500mm2
35°C/W
*Deviceismountedontopside



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com