Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3071MPUFD Datasheet(PDF) 2 Page - Linear Technology

Part # LT3071MPUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071MPUFD Datasheet(HTML) 2 Page - Linear Technology

  LT3071MPUFD Datasheet HTML 1Page - Linear Technology LT3071MPUFD Datasheet HTML 2Page - Linear Technology LT3071MPUFD Datasheet HTML 3Page - Linear Technology LT3071MPUFD Datasheet HTML 4Page - Linear Technology LT3071MPUFD Datasheet HTML 5Page - Linear Technology LT3071MPUFD Datasheet HTML 6Page - Linear Technology LT3071MPUFD Datasheet HTML 7Page - Linear Technology LT3071MPUFD Datasheet HTML 8Page - Linear Technology LT3071MPUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3071

3071f
IN,OUT..................................................... –0.3Vto3.3V
BIAS............................................................. –0.3Vto4V
VO2,VO1,VO0Inputs.................................... –0.3Vto4V
MARGAInput............................................... –0.3Vto4V
ENInput....................................................... –0.3Vto4V
SENSEInput................................................. –0.3Vto4V
VIOC,PWRGD,IMONOutputs....................... –0.3Vto4V
REF/BYPOutput........................................... –0.3Vto4V
OutputShort-CircuitDuration.......................... Indefinite
OperatingJunctionTemperature(Note2)
LT3071E/LT3071I.............................. –40°Cto125°C
LT3071MP......................................... –55°Cto125°C
StorageTemperatureRange.................. –65°Cto150°C
(Note 1)
9 10
TOP VIEW
29
GND
UFD PACKAGE
28-LEAD (4mm 5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
VIOC
PWRGD
REF/BYP
GND
IN
IN
IN
IN
MARGA
IMON
GND
SENSE
OUT
OUT
OUT
OUT
7
17
18
19
20
21
22
16
8
15
TJMAX=125°C,θJA=30°C/WTO35°C/W
EXPOSEDPAD(PIN29)ISGND,MUSTBESOLDEREDTOPCB
orDer inFormAtion
pin conFigurAtion
Absolute mAximum rAtings
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3071EUFD#PBF
LT3071EUFD#TRPBF
3071
28-Lead(4mm
×5mm)PlasticQFN
–40°Cto125°C
LT3071IUFD#PBF
LT3071IUFD#TRPBF
3071
28-Lead(4mm
×5mm)PlasticQFN
–40°Cto125°C
LT3071MPUFD#PBF
LT3071MPUFD#TRPBF
3071
28-Lead(4mm
×5mm)PlasticQFN
–55°Cto125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3071EUFD
LT3071EUFD#TR
3071
28-Lead(4mm
×5mm)PlasticQFN
–40°Cto125°C
LT3071IUFD
LT3071IUFD#TR
3071
28-Lead(4mm
×5mm)PlasticQFN
–40°Cto125°C
LT3071MPUFD
LT3071MPUFD#TR
3071
28-Lead(4mm
×5mm)PlasticQFN
–55°Cto125°C
ConsultLTCMarketingforpartsspecifiedwithwideroperatingtemperatureranges.*Thetemperaturegradeisidentifiedbyalabelontheshippingcontainer.
Formoreinformationonleadfreepartmarking,goto:http://www.linear.com/leadfree/
Formoreinformationontapeandreelspecifications,goto:http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com