Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAS030YG Datasheet(PDF) 2 Page - Power-One

Part # HAS030YG
Description  HAS SERIES - 30 WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HAS030YG Datasheet(HTML) 2 Page - Power-One

  HAS030YG Datasheet HTML 1Page - Power-One HAS030YG Datasheet HTML 2Page - Power-One HAS030YG Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
MODEL
INPUT VOLTAGE
INPUT VOLTAGE
MAXIMUM INPUT
OUTPUT
RATED OUTPUT
RIPPLE & NOISE
TYPICAL
(VOLTS)
RANGE (VOLTS)
CURRENT (AMPS)*
VOLTAGE (VOLTS)
CURRENT (AMPS)
pk-pk (mV)
EFFICIENCY**
HAS030YG-A
24
18-36
2.2
5
6.0
100
83%
HAS030YH-A
24
18-36
2.2
12
2.5
150
87%
HAS030YJ-A
24
18-36
2.2
15
2.0
150
86%
HAS030ZE-A
48
36-75
1.0
3.3
6.0
100
81%
HAS030ZG-A
48
36-75
1.3
5
6.0
100
83%
HAS030ZH-A
48
36-75
1.3
12
2.5
150
88%
HAS030ZJ-A
48
36-75
1.3
15
2.0
150
88%
NOTES:
* Maximum input current at minimum input voltage, maximum rated output power.
** At nominal Vin, rated output.
HAS SERIES - 30 WATT
MODELS - (See the last page of section for options.)
MECHANICAL DRAWING
1
2
3
4
5
6
7
8
9
0.700"(17.8mm)
-0.50"(-12.7mm)
1.400"(35.6mm)
1.000"(25.4mm)
0.400"(10.2mm)
0
0.18"
2.40"
(61.0mm)
2.28"
(57.9mm)
DIA 0.040"
0.025" REF.
0.50"
(12.7mm)
(4.6mm)
(1.0mm)
MOUNTING INSERTS
M3X.5 THROUGH 4PL
(0.6mm)
BOTTOM VIEW
1.900"
(48.3mm)
-0.19"
(-4.8mm)
0
Thermal Impedance
Natural Convection
7.9 °C/W
100 LFM
6.8 °C/W
200 LFM
4.9 °C/W
300 LFM
3.6 °C/W
400 LFM
3.0 °C/W
Tolerances
Note:
Thermal impedance data is
dependent on many environmental
factors. The exact thermal
performance should be validated
for specific application.
1-Vin
2
Case
3
On/Off
4+Vin
5-Vout
6
-Sense
7
Trim
8
+Sense
9+Vout
Inches:
(Millimeters)
.XX ± 0.020
.X ± 0.5
.XXX ± 0.010
.XX ± 0.25
Pin:
± 0.002
± 0.05
(Dimensions as listed unless
otherwise specified.)
Pin
Function



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com