Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3085 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3085
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3085 Datasheet HTML 5Page - Linear Technology LT3085 Datasheet HTML 6Page - Linear Technology LT3085 Datasheet HTML 7Page - Linear Technology LT3085 Datasheet HTML 8Page - Linear Technology LT3085 Datasheet HTML 9Page - Linear Technology LT3085 Datasheet HTML 10Page - Linear Technology LT3085 Datasheet HTML 11Page - Linear Technology LT3085 Datasheet HTML 12Page - Linear Technology LT3085 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT3085
9
3085fb
The LT3085 can be operated in two modes. Three terminal
mode has the control pin connected to the power input pin
which gives a limitation of 1.35V dropout. Alternatively, the
“control” pin can be tied to a higher voltage and the power
IN pin to a lower voltage giving 275mV dropout on the
IN pin and minimizing the power dissipation. This allows
for a 500mA supply regulating from 2.5VIN to 1.8VOUT or
1.8VIN to 1.2VOUT with low dissipation.
Setting Output Voltage
The LT3085 generates a 10μA reference current that flows
out of the SET pin. Connecting a resistor from SET to
ground generates a voltage that becomes the reference
point for the error amplifier (see Figure 1). The reference
voltage is a straight multiplication of the SET pin current
and the value of the resistor. Any voltage can be generated
and there is no minimum output voltage for the regulator.
Table 1 lists many common output voltages and standard
1% resistor values used to generate that output voltage.
A minimum load current of 1mA is required to maintain
regulation regardless of output voltage. For true zero
voltage output operation, this 1mA load current must be
returned to a negative supply voltage.
APPLICATIONS INFORMATION
With the low level current used to generate the reference
voltage, leakage paths to or from the SET pin can create
errors in the reference and output voltages. High quality
insulation should be used (e.g., Teflon, Kel-F); cleaning
of all insulating surfaces to remove fluxes and other resi-
dues will probably be required. Surface coating may be
necessary to provide a moisture barrier in high humidity
environments.
Table 1. 1% Resistors for Common Output Voltages
VOUT
RSET
1V
100k
1.2V
121k
1.5V
150k
1.8V
182k
2.5V
249k
3.3V
332k
5V
499k
Board leakage can be minimized by encircling the SET
pin and circuitry with a guardring operated at a potential
close to itself; the guardring should be tied to the OUT pin.
Guarding both sides of the circuit board is required. Bulk
leakage reduction depends on the guard ring width. Ten
nanoamperes of leakage into or out of the SET pin and
associated circuitry creates a 0.1% error in the reference
voltage. Leakages of this magnitude, coupled with other
sources of leakage, can cause significant offset voltage and
reference drift, especially over a wide temperature range.
If guardring techniques are used, this bootstraps any
stray capacitance at the SET pin. Since the SET pin is
a high impedance node, unwanted signals may couple
into the SET pin and cause erratic behavior. This will
be most noticeable when operating with minimum
output capacitors at full load current. The easiest way
to remedy this is to bypass the SET pin with a small
amount of capacitance from SET to ground, 10pF to
20pF is sufficient.
Figure 1. Basic Adjustable Regulator
+
–
LT3085
10μA
IN
VCONTROL
VCONTROL
OUT
3085 F01
SET
COUT
RSET
VOUT
CSET
+
VIN
+
VOUT = RSET • 10μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com