Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3108 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3108
Description  Ultralow Voltage Step-Up Converter and Power Manager
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3108 Datasheet(HTML) 1 Page - Linear Technology

  LTC3108 Datasheet HTML 1Page - Linear Technology LTC3108 Datasheet HTML 2Page - Linear Technology LTC3108 Datasheet HTML 3Page - Linear Technology LTC3108 Datasheet HTML 4Page - Linear Technology LTC3108 Datasheet HTML 5Page - Linear Technology LTC3108 Datasheet HTML 6Page - Linear Technology LTC3108 Datasheet HTML 7Page - Linear Technology LTC3108 Datasheet HTML 8Page - Linear Technology LTC3108 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC3108

3108fa
Typical applicaTion
DescripTion
Ultralow Voltage Step-Up
Converter and Power Manager
The LTC®3108 is a highly integrated DC/DC converter ideal
forharvestingandmanagingsurplusenergyfromextremely
low input voltage sources such as TEGs (thermoelectric
generators),thermopilesandsmallsolarcells.Thestep-up
topology operates from input voltages as low as 20mV.
The LTC3108 is functionally equivalent to the LTC3108-1
except for its unique fixed VOUT options.
Usingasmallstep-uptransformer,theLTC3108providesa
completepowermanagementsolutionforwirelesssensing
and data acquisition. The 2.2V LDO powers an external
microprocessor, while the main output is programmed to
one of four fixed voltages to power a wireless transmitter
orsensors.Thepowergoodindicatorsignalsthatthemain
output voltage is within regulation. A second output can be
enabled by the host. A storage capacitor provides power
when the input voltage source is unavailable. Extremely
low quiescent current and high efficiency design ensure
the fastest possible charge times of the output reservoir
capacitor.
The LTC3108 is available in a small, thermally enhanced
12-lead (3mm
× 4mm) DFN package and a 16-lead SSOP
package.
Wireless Remote Sensor Application Powered From a Peltier Cell
FeaTures
applicaTions
n
Operates from Inputs of 20mV
n
Complete Energy Harvesting Power
Management System
- Selectable VOUT of 2.35V, 3.3V, 4.1V or 5V
- LDO: 2.2V at 3mA
- Logic Controlled Output
- Reserve Energy Output
n
Power Good Indicator
n
Uses Compact Step-Up Transformers
n
Small 12-Lead (3mm
× 4mm) DFN or 16-Lead
SSOP Packages
n
Remote Sensors and Radio Power
n
Surplus Heat Energy Harvesting
n
HVAC Systems
n
Industrial Wireless Sensing
n
Automatic Metering
n
Building Automation
n
Predictive Maintenance
3108 TA01a
C1
20mV TO 500mV
C2
SW
VS2
VS1
VOUT2
PGOOD
2.2V
470µF
PGD
VLDO
VSTORE
+
VOUT
VOUT2_EN
LTC3108
VAUX
GND
0.1F
6.3V
5V
3.3V
1µF
1nF
220µF
1:100
330pF
SENSORS
RF LINK
µP
2.2µF
+
+
+
THERMOELECTRIC
GENERATOR
VOUT Charge Time
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
VIN (mV)
10
1
100
1000
0
3108 TA01b
0
100 150
250
50
200
300 350 400
VOUT = 3.3V
COUT = 470µF
1:100 Ratio
1:50 Ratio
1:20 Ratio


Similar Part No. - LTC3108

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3108 LINER-LTC3108 Datasheet
258Kb / 20P
Ultralow Voltage Step-Up Converter and Power Manager
LTC3108 LINER-LTC3108 Datasheet
1Mb / 18P
400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3108 LINER-LTC3108 Datasheet
405Kb / 18P
Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3108 LINER-LTC3108 Datasheet
237Kb / 22P
Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108 Datasheet
258Kb / 24P
Ultralow Voltage Step-Up Converter
More results

Similar Description - LTC3108

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
STEP-UP VOLTAGE CONVERTER
logo
Linear Technology
LTC3108 LINER-LTC3108 Datasheet
258Kb / 20P
Ultralow Voltage Step-Up Converter and Power Manager
LTC3109 LINER-LTC3109 Datasheet
334Kb / 24P
Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
LTC3108-1 LINER-LTC3108-1 Datasheet
1Mb / 24P
Ultralow Voltage Step-Up Converter and Power Manager
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
Ultralow Voltage Step-Up Converter
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
Ultralow Voltage Step-Up Converter
LTC3109 LINER-LTC3109_12 Datasheet
244Kb / 24P
Auto-Polarity, Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_15 Datasheet
385Kb / 22P
Ultralow Voltage Step-Up Converter and Power Manager
LTC3109 LINER-LTC3109_15 Datasheet
420Kb / 24P
Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
LTC3108-1 LINER-LTC3108-1_15 Datasheet
406Kb / 24P
Ultralow Voltage Step-Up Converter and Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com