Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3085EDCB Datasheet(PDF) 2 Page - Linear Technology

Part # LT3085EDCB
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085EDCB Datasheet(HTML) 2 Page - Linear Technology

  LT3085EDCB Datasheet HTML 1Page - Linear Technology LT3085EDCB Datasheet HTML 2Page - Linear Technology LT3085EDCB Datasheet HTML 3Page - Linear Technology LT3085EDCB Datasheet HTML 4Page - Linear Technology LT3085EDCB Datasheet HTML 5Page - Linear Technology LT3085EDCB Datasheet HTML 6Page - Linear Technology LT3085EDCB Datasheet HTML 7Page - Linear Technology LT3085EDCB Datasheet HTML 8Page - Linear Technology LT3085EDCB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3085
2
3085fb
ABSOLUTE MAXIMUM RATINGS
VCONTROL Pin Voltage..................................... 40V, –0.3V
IN Pin Voltage ................................................ 40V, –0.3V
SET Pin Current (Note 7) .................................... ±15mA
SET Pin Voltage (Relative to OUT) ..........................±10V
Output Short-Circuit Duration .......................... Indefinite
(Note 1) All Voltages Relative to VOUT
TOP VIEW
IN
IN
VCONTROL
OUT
OUT
SET
DCB PACKAGE
6-LEAD (2mm
3mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 125°C, θJA = 73°C/W, θJC = 10.6°C/W
EXPOSED PAD (PIN 7) IS OUT, MUST BE SOLDERED TO VOUT ON PCB
SEE THE APPLICATIONS INFORMATION SECTION
1
2
3
4
OUT
OUT
OUT
SET
8
7
6
5
IN
IN
NC
VCONTROL
TOP VIEW
MS8E PACKAGE
8-LEAD PLASTIC MSOP
9
TJMAX = 125°C, θJA = 60°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 9) IS OUT, MUST BE SOLDERED TO VOUT ON PCB
SEE THE APPLICATIONS INFORMATION SECTION
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3085EDCB#PBF
LT3085EDCB#TRPBF
LDQQ
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LT3085EMS8E#PBF
LT3085EMS8E#TRPBF
LTDQP
8-Lead Plastic MSOP
–40°C to 125°C
LT3085IDCB#PBF
LT3085IDCB#TRPBF
LDQQ
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LT3085IMS8E#PBF
LT3085IMS8E#TRPBF
LTDQP
8-Lead Plastic MSOP
–40°C to 125°C
LT3085MPMS8E#PBF
LT3085MPMS8E#TRPBF
LTDWQ
8-Lead Plastic MSOP
–55°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3085EDCB
LT3085EDCB#TR
LDQQ
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LT3085EMS8E
LT3085EMS8E#TR
LTDQP
8-Lead Plastic MSOP
–40°C to 125°C
LT3085IDCB
LT3085IDCB#TR
LDQQ
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LT3085IMS8E
LT3085IMS8E#TR
LTDQP
8-Lead Plastic MSOP
–40°C to 125°C
LT3085MPMS8E
LT3085MPMS8E#TR
LTDWQ
8-Lead Plastic MSOP
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Junction Temperature Range (Notes 2, 10)
E, I Grade........................................... –40°C to 125°C
MP Grade........................................... –55°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS8E Package Only.......................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com