Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3596 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3596
Description  60V Step-Down LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3596 Datasheet(HTML) 2 Page - Linear Technology

  LT3596 Datasheet HTML 1Page - Linear Technology LT3596 Datasheet HTML 2Page - Linear Technology LT3596 Datasheet HTML 3Page - Linear Technology LT3596 Datasheet HTML 4Page - Linear Technology LT3596 Datasheet HTML 5Page - Linear Technology LT3596 Datasheet HTML 6Page - Linear Technology LT3596 Datasheet HTML 7Page - Linear Technology LT3596 Datasheet HTML 8Page - Linear Technology LT3596 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3596

3596f
pin conFiguraTion
absoluTe MaxiMuM raTings
Input Voltage (VIN), EN/UVLO ..................................60V
BOOST .....................................................................80V
BOOST Pin Above SW Pin ....................................... 25V
LED1-3, VOUT ............................................................42V
BIAS, FAULT .............................................................25V
VREF, RT, ISET1-3, TSET, CTRLM .................................3V
FB, CTRL1-3, PWM1-3, SYNC ....................................6V
Operating Temperature Range
(Notes 2, 3)............................................ –40°C to 125°C
Maximum Junction Temperature .......................... 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
18 19 20
TOP VIEW
53
GND
UHG PACKAGE
VARIATION: UHG52 (39)
52-LEAD (5mm 8mm) PLASTIC QFN
21 22 23 24 25 26
51 50
48
46
44
33
34
35
37
39
7
6
4
2
FB
EN/UVLO
TSET
VREF
GND
NC
NC
CTRLM
ISET1
ISET2
ISET3
RT
NC
NC
NC
BIAS
NC
NC
CTRL1
CTRL2
CTRL3
PWM1
PWM2
PWM3
SYNC
32
31
30
29
28
27
9
11
12
13
14
15
16
17
41
43
TJMAX = 125°C, θJA = 32°C/W
EXPOSED PAD (PIN 53) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3596EUHG#PBF
LT3596EUHG#TRPBF
3596
52-Lead (5mm
× 8mm) Plastic QFN
–40°C to 125°C
LT3596IUHG#PBF
LT3596IUHG#TRPBF
3596
52-Lead (5mm
× 8mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com