Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBS Datasheet(PDF) 2 Page - Power-One

Part # HBS
Description  HBS SERIES - 100 WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HBS Datasheet(HTML) 2 Page - Power-One

  HBS Datasheet HTML 1Page - Power-One HBS Datasheet HTML 2Page - Power-One HBS Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Thermal Impedance
Natural Convection
6.6 °C/W
100 LFM
5.7 °C/W
200 LFM
4.2 °C/W
300 LFM
3.1 °C/W
400 LFM
2.6 °C/W
Tolerances
Note:
Thermal impedance data is dependent on
many environmental factors. The exact
thermal performance should be validated for
specific application.
HBS SERIES - 100 WATT
MECHANICAL DRAWING
1-V
in
2
Case
3
On/Off
4+V
in
5-V
out
6
-Sense
7
Trim
8
+Sense
9+V
out
Inches:
(Millimeters)
.XX ± 0.020
.X ± 0.5
.XXX ± 0.010
.XX ± 0.25
Pin:
± 0.002
± 0.05
(Dimensions as listed unless otherwise
specified.)
P i n
Function
MODELS - (See the last page of this file for options.)
BOTTOM VIEW
0.400"(10.2mm)
1.000"(25.4mm)
1.400"(35.6mm)
0.700"(17.8mm)
0
-0.50"(-12.7mm)
(61.0mm)
2.40"
M3X.5 THROUGH 4PL
MOUNTING INSERTS
(57.9mm)
2.28"
9
8
7
6
5
4
3
2
1
(0.6mm)
(2.0mm)
(1.0mm)
(4.6mm)
0.18"
(12.7mm)
0.50"
0.025" REF.
DIA 0.040"
DIA 0.080"
(48.3mm)
1.900"
(-4.8mm)
-0.19"
0
Vin
(Volts)
Vin Range
(Volts)
Iin Max.*
(Amps)
Vout
(Volts)
Iout Rated
(Amps)
Ripple & Noise
Pk-Pk (mV)
Efficiency
Typ. **
Model
24
24
24
24
48
48
48
48
18 - 36
18 - 36
18 - 36
18 - 36
34 - 75
34 - 75
34 - 75
34 - 75
7.00
7.20
7.00
7.00
3.65
3.60
3.50
3.50
3.3
5
12
15
3.3
5
12
15
30.00
20.00
8.30
6.70
30.00
20.00
8.30
6.70
100
100
150
150
100
100
150
150
80%
83%
85%
86%
80%
84%
86%
87%
HBS100YE-A †
HBS100YG-A
HBS100YH-A
HBS100YJ-A
HBS100ZE-A
HBS100ZG-A
HBS100ZH-A
HBS100ZJ-A
† Denotes advanced product release. Consult factory for product availability.
* Maximum input current at minimum input voltage, maximum rated output power.
** At nominal Vin, rated output.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com