Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-110VT Datasheet(PDF) 2 Page - Rohm

Part # SML-110VT
Description  SML-11 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-110VT Datasheet(HTML) 2 Page - Rohm

  SML-110VT Datasheet HTML 1Page - Rohm SML-110VT Datasheet HTML 2Page - Rohm SML-110VT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100
10
1
FORWARD VOLTAGE
:VF (V)
2.0
2.5
1.0
1.5
3.0
Ta=25°C
ATMOSPHERE TEMPERATURE
:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
PEAK FORWARD
CURRENT
:IF (mA)
0
5
10
15
20
30
25
0.0
0.5
1.0
1.5
f=1kHz
AMBIENT TEMPERATURE
:Ta (
°C)
0
10
20
30
40
-40
-20
0
20
40
60
80
100
■
■
■
■
SML-110VT
■
SML-110DT
■
SML-110YT
■
SML-110MT
■
SML-110FT
■
SML-110PT
■
■
■
■
SML-110VT
■
SML-110DT
■
SML-110YT
■
SML-110MT
■
SML-110FT
■
SML-110PT
 
■ ■
SML-110VT
■
SML-110DT
■
SML-110YT
■
SML-110MT
■
SML-110FT
■
SML-110PT
■ ■
SML-110VT
■
SML-110DT
■
SML-110YT
■
SML-110MT
■
SML-110FT
■
SML-110PT
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML-11 Series
2/2
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.05 - Rev.A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com