Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3615 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3615
Description  Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3615 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3615 Datasheet HTML 17Page - Linear Technology LTC3615 Datasheet HTML 18Page - Linear Technology LTC3615 Datasheet HTML 19Page - Linear Technology LTC3615 Datasheet HTML 20Page - Linear Technology LTC3615 Datasheet HTML 21Page - Linear Technology LTC3615 Datasheet HTML 22Page - Linear Technology LTC3615 Datasheet HTML 23Page - Linear Technology LTC3615 Datasheet HTML 24Page - Linear Technology LTC3615 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC3615

3615f
(7a) Slew Rate of Rising Edge at SW1/2 vs SRLIM Resistor
The LTC3615 allows the user to control the slew rate of
the switching node SW by using the SRLIM pin. Tying this
pin to ground selects the fastest slew rate. The slowest
slew rate is selected when the pin is open. Connecting a
resistor (between 10k to 100k) from SRLIM pin to ground
adjusts the slew rate between the maximum and minimum
values. The reduced dV/dt of the switch node results in a
significant reduction of the supply and ground ringing, as
well as lower radiated EMI. See Figure 7a and the Typical
Performance Characteristics section for examples.
Reducing the slew rate causes a trade-off between ef-
ficiency and low EMI (see Figure 7b).
Particularattentionshouldbeusedwithveryhighswitching
frequencies. Using the slowest slew rate (SRLIM open)
can reduce the minimum duty cycle capability.
Soft-Start
The RUNx pins provide a means to shut down each chan-
nel of the LTC3615. Pulling both pins below 0.3V places
the LTC3615 in a low quiescent current shutdown state
(IQ < 1µA).
After enabling the LTC3615 by bringing either one or both
RUNxpinsabovethethreshold,theenabledchannelsenter
a soft-start-up state. The type of soft-start behavior is set
by the TRACK/SSx pins. The soft-start cycle begins with
an initial discharge pulse pulling down the TRACK/SSx
pin to SGND and discharging the external capacitor CSS
(see Figure 3).
The initial discharge is adequate to discharge capacitors
up to 33nF. If a larger capacitor is required, connect the
external soft-start resistor RSS to the RUN pin to fully
discharge the capacitor.
1. Tying this pin to SVIN selects the internal soft-start
circuit. This circuit ramps the output voltage to the final
value within 1ms.
2. If a longer soft-start period is desired, it can be set ex-
ternally with a resistor and capacitor on the TRACK/SSx
pins as shown in Figure 3. The voltage applied at the
TRACK/SSx pins sets the value of the internal refer-
ence at VFB until TRACK/SSx is pulled above 0.6V. The
external soft-start duration can be calculated by using
the following equation:
t
R
C
In
SV
SV
V
SS
SS
SS
IN
IN
=


•
•
– .
0 6
3. The TRACK/SSx pin can be used to track the output
voltage of another supply.
Regardless of either the internal or external soft-start
state, the MODE pin is ignored during start-up and the
regulator defaults to pulse-skipping mode. In addition,
the PGOODx pin is kept low, and the frequency foldback
function is disabled.
applicaTions inForMaTion
(7b) Efficiency vs SRLIM Resistor Programming
Figure 7. Slew Rate and the SRLIM Resistor
1V/DIV
2ns/DIV
3615 F07a
SRLIM =
SGND OR SVIN
VIN = 3.3V
VOUT = 1.8V
IOUT = 1A
OPEN
40.2k
100k
VIN (V)
2.25
82
84
86
88
3.06
3.88
4.69
90
92
83
85
87
89
91
5.50
3615 07b
VOUT = 1.8V
IOUT = 1A
FCM
GND OR SVIN
OPEN
40.2k
20k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com