Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4219 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4219
Description  5A Integrated Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4219 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4219 Datasheet HTML 8Page - Linear Technology LTC4219 Datasheet HTML 9Page - Linear Technology LTC4219 Datasheet HTML 10Page - Linear Technology LTC4219 Datasheet HTML 11Page - Linear Technology LTC4219 Datasheet HTML 12Page - Linear Technology LTC4219 Datasheet HTML 13Page - Linear Technology LTC4219 Datasheet HTML 14Page - Linear Technology LTC4219 Datasheet HTML 15Page - Linear Technology LTC4219 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC4219
13
4219f
APPLICATIONS INFORMATION
Power Good Indication
In addition to setting the foldback current limit threshold,
the FB pin is used to determine a power good condition.
The LTC4219-12 and LTC4219-5 use an internal resis-
tive divider on the OUT pin to drive the FB pin. On the
LTC4219-12, the PG comparator indicates logic high when
OUT pin rises above 10.5V. If the OUT pin subsequently falls
below 10.3V, the comparator toggles low. On the LTC4219-
5 the PG comparator drives high when the OUT pin rises
above 4.35V and low when OUT falls below 4.27V.
Once the PG comparator is high, the GATE pin voltage is
monitored with respect to the OUT pin. Once the GATE
minus OUT voltage exceeds 4.2V, the PG pin goes low.
This indicates to the system that it is safe to load the OUT
pin while the MOSFET is completely turned “on”. The PG
pin goes high when the GATE is commanded off (using
the EN1, EN2 or SENSE pins) or when the PG comparator
drives low.
Design Example
Consider the following design example (Figure 5): VIN =
12V, IMAX = 5A. IINRUSH = 100mA, CL = 330μF, VPWRGD =
10.5V.
The inrush current is defined by the current required to
charge the output capacitor using the fixed 0.3V/ms GATE
charge up rate. The inrush current is defined as:
IINRUSH = CL •
0.3V
ms
⎛
⎝⎜
⎞
⎠⎟
= 330µF •
0.3V
ms
⎛
⎝⎜
⎞
⎠⎟
= 100mA
As mentioned previously, the charge up time is the out-
put voltage (12V) divided by the output rate of 0.3V/ms
resulting in 40ms. The peak power dissipation of 12V at
100mA (or 1.2W) is within the SOA of the pass MOSFET for
40ms (see MOSFET SOA curve in the Typical Performance
Characteristics section).
Next the power dissipated in the MOSFET during overcur-
rent must be limited. The active current limit uses a timer
to prevent excessive energy dissipation in the MOSFET.
The worst-case power dissipation occurs when the voltage
versus current profile of the foldback current limit is at the
maximum. This occurs when the current is 6.1A and the
voltage is one half of the 12V or 6V. See the Current Limit
Sense Voltage vs FB Voltage in the Typical Performance
Characteristics section to view this profile. In order to
survive 36W, the MOSFET SOA dictates a maximum time
of 10ms (see SOA graph). Use the internal 2ms timer
invoked by tying the TIMER pin to INTVCC.
Figure 5. 5A, 12V Card Resident Application
ADC
C1
0.1μF
12V
VOUT
12V
5A
R2
20k
4219 F05
R1
10k
12V
R3
10k
12V
CL
330μF
VDD
OUT
PG
GND
IMON
LTC4219DHC-12
INTVCC
TIMER
EN1
EN2
FLT
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com