Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH1715FVC Datasheet(PDF) 2 Page - Rohm

Part # BH1715FVC
Description  Digital 16bit Serial Output Type Ambient Light Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1715FVC Datasheet(HTML) 2 Page - Rohm

  BH1715FVC Datasheet HTML 1Page - Rohm BH1715FVC Datasheet HTML 2Page - Rohm BH1715FVC Datasheet HTML 3Page - Rohm BH1715FVC Datasheet HTML 4Page - Rohm BH1715FVC Datasheet HTML 5Page - Rohm BH1715FVC Datasheet HTML 6Page - Rohm BH1715FVC Datasheet HTML 7Page - Rohm BH1715FVC Datasheet HTML 8Page - Rohm BH1715FVC Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
BH1715FVC
Technical Note
2/16
www.rohm.com
2010.06 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
●
Electrical Characteristics (VCC = 3.0V, DVI = 3.0V, Ta = 25℃, unless otherwise noted)
Parameter
Symbol
Limits
Units
Conditions
Min.
Typ.
Max.
Supply Current
Icc1
-
120
190
µA
Ev = 100 lx ※
1
Powerdown Current
Icc2
-
0.01
1.0
µA
No input Light
Peak Wave Length
λp
-
560
-
nm
Measurement Accuracy
S/A
1.02
1.2
1.38
times
Sensor out / Actual lx
EV = 1000 lx ※
1, ※2
Dark (0 lx) Sensor out
S0
0
0
2
count
H-Resolution Mode ※
3
H-Resolution Mode Resolution
rHR
-
1
-
lx
L-Resolution Mode Resolution
rLR
-
4
-
lx
H-Resolution Mode Measurement Time
tHR
-
120
180
ms
L-Resolution Mode Measurement Time
tLR
-
16
24
ms
Incandescent
/ Fluorescent Sensor out ratio
rIF
-
1
-
times
EV = 1000 lx
ADDR Input ‘H’ Voltage
VAH
0.7 * VCC
-
-
V
ADDR Input ‘L’ Voltage
VAL
-
-
0.3 * VCC
V
DVI Input ‘L’ Voltage
VDVL
-
-
0.4
V
SCL, SDA Input ‘H’ Voltage 1
VIH1
0.7 * DVI
-
-
V
DVI ≧ 1.8V
SCL, SDA Input ‘H’ Voltage 2
VIH2
1.26
-
-
V
1.65V ≦ DVI < 1.8V
SCL, SDA Input ‘L’ Voltage 1
VIL1
-
-
0.3 * DVI
V
DVI ≧ 1.8V
SCL, SDA Input ‘L’ Voltage 2
VIL2
-
-
DVI-1.26
V
1.65V ≦ DVI < 1.8V
SCL, SDA, ADDR Input ‘H’ Current
IIH
-
-
10
µA
SCL, SDA, ADDR Input ‘L’ Current
IIL
-
-
10
µA
I
2C SCL Clock Frequency
fSCL
-
-
400
kHz
I
2C Bus Free Time
tBUF
1.3
-
-
µs
I
2C Hold Time (repeated)
START Condition
tHDSTA
0.6
-
-
µs
I
2C Set up time for a Repeated
START Condition
tSUSTA
0.6
-
-
µs
I
2C Set up time for a Repeated
STOP Condition
tSUSTD
0.6
-
-
µs
I
2C Data Hold Time
tHDDAT
0
-
0.9
µs
I
2C Data Setup Time
tSUDAT
100
-
-
ns
I
2C ‘L’ Period of the SCL Clock
tLOW
1.3
-
-
µs
I
2C ‘H’ Period of the SCL Clock
tHIGH
0.6
-
-
µs
I
2C SDA Output ‘L’ Voltage
VOL
0
-
0.4
V
IOL = 3 mA
※
1 White LED is used as optical source.
※
2 Measurement Accuracy typical value is possible to change '1' by "Measurement result adjustment function".
※
3 Use H-Resolution Mode if dark data (less than 10 lx) is need.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com