Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-Z12DWT87P Datasheet(PDF) 3 Page - Rohm

Part # SML-Z12DWT87P
Description  High brightness
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-Z12DWT87P Datasheet(HTML) 3 Page - Rohm

  SML-Z12DWT87P Datasheet HTML 1Page - Rohm SML-Z12DWT87P Datasheet HTML 2Page - Rohm SML-Z12DWT87P Datasheet HTML 3Page - Rohm SML-Z12DWT87P Datasheet HTML 4Page - Rohm SML-Z12DWT87P Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SML-Z1 Series
Rank Reference of Brightness
Red (V, U)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
V
W
X1
X2
Y1
Y2
Z1
360 to 560 560 to 900 900 to 1120 1120 to 1400 1400 to 1800 1800 to 2200 2200 to 2800
PLCC2
3528
1.9
SMLZ14WBECW(A)
SMLZ13WBDAW
SMLZ13WBDBW
SMLZ13WBDCW(A)
SMLZ13WBDDW(A)
White (WB)
*Please note that the brightness of some products may fall between ranks (half rank).
(Ta=25˚C, IF=20mA)
SML-Z14*T(A) Series
SML-Z14*4T Series
SMLZ13*T(A) Series
SMLZ1*(White Series)
Red (V, U)
Orange (D)
Orange (D)
Yellow (Y)
Yellow (Y)
Green (M, P, F)
Green (E)
Green (M, P, F)
Blue (B)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=50mA)
(Ta=25˚C, IF=50mA)
(Ta=25˚C, IF=50mA)
(Ta=25˚C, IF=50mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450
PLCC2
3528
1.9
SML-Z14VT(A)
SML-Z14UT(A)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560 560 to 710 710 to 900 900 to 1120 1120 to 1400 1400 to 1800
PLCC2
3528
1.9
SMLZ13BDT(A)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450
PLCC2
3528
1.9
SML-Z14DT(A)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450
PLCC2
3528
1.9
SML-Z14YT(A)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
22.4 to 28 28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560 560 to 710 710 to 900 900 to 1120 1120 to 1400
PLCC2
3528
1.9
SML-Z14M4T
SML-Z14F4T
SML-Z14P4T
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
22.4 to 28 28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560 560 to 710 710 to 900 900 to 1120 1120 to 1400
PLCC2
3528
1.9
SML-Z14D4T
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
22.4 to 28 28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560 560 to 710 710 to 900 900 to 1120 1120 to 1400
PLCC2
3528
1.9
SML-Z14Y4T
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
22.4 to 28 28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560 560 to 710 710 to 900 900 to 1120 1120 to 1400
PLCC2
3528
1.9
SML-Z14V4T
SML-Z14U4T
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450
PLCC2
3528
1.9
SML-Z14MT(A)
SML-Z14FT(A)
SML-Z14PT(A)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560 560 to 710 710 to 900 900 to 1120 1120 to 1400 1400 to 1800
PLCC2
3528
1.9
SMLZ13EDT(A)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
3/4
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.05 - Rev.B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com