Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3405 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3405
Description  Powering and Dimming High-Brightness LEDs with the LM3405 Constant-Current Buck Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3405 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3405 Datasheet HTML 1Page - National Semiconductor (TI) LM3405 Datasheet HTML 2Page - National Semiconductor (TI) LM3405 Datasheet HTML 3Page - National Semiconductor (TI) LM3405 Datasheet HTML 4Page - National Semiconductor (TI) LM3405 Datasheet HTML 5Page - National Semiconductor (TI) LM3405 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
30022903
FIGURE 2. PWM Dimming of LEDs by Applying a PWM Signal to the EN/DIM Pin
A logic high at V_PWM enables the IC, and a logic low dis-
ables the IC. In this manner, the LED current is turned on and
off. In order to eliminate flicker, the lowest PWM-dimming fre-
quency is normally chosen to be above 100 Hz. The upper
end of the PWM frequency is determined by the turn-on delay
of the LM3405. If the V_PWM signal has an ON-time of T
ON
and a period of T
PER, the average IF is given approximately
by the equation below. Note that the delay in enabling and
disabling the IC is not included in the following equation. Typ-
ically the time delay from the instant where EN/DIM=1 to the
instant where I
F is fully established is approximately 100 μs
(see Figure 4).
The average LED current is therefore controlled by T
ON,
T
PER, or both and is perceived by the eye as a brightness
change. Figure 3 shows the measured average LED current
for varying duty cycles and frequencies.
30022905
FIGURE 3. Average LED Current versus Duty Cycle and
Frequency of V_PWM at the EN/DIM Pin
The startup delay of the LM3405 device is shown in Figure
4 for an LED-current setting of 1A. This is the delay from the
instant when EN/DIM=1 to the instant when I
F settles to
900 mA (90% of the set LED current).
30022906
FIGURE 4. Startup Response of the LM3405 to an EN/DIM
Signal with I
F Set at 1A
Deriving a Self-Biased Boost
Voltage When Driving Two or More
LEDs in Series
In a typical application where two or more LEDs are driven in
a single string, the boost voltage is derived from a separate,
external low-voltage source so as to meet the (VBOOST-
VSW) voltage requirement. This is because when powering
two or more LEDs in series, V
IN will be greater than 5V and
therefore V
IN cannot be used to provide VBOOST. In this
case, V
OUT will also be high and cannot be used to derive
VBOOST.
Figure 5 shows another approach for deriving a self-biased
boost voltage from the LED string itself without the need for
generating a separate low-voltage supply.
www.national.com
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com