Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3430 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3430
Description  LED Backlighting Solution with LM3430 and LM3432
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3430 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3430 Datasheet HTML 1Page - National Semiconductor (TI) LM3430 Datasheet HTML 2Page - National Semiconductor (TI) LM3430 Datasheet HTML 3Page - National Semiconductor (TI) LM3430 Datasheet HTML 4Page - National Semiconductor (TI) LM3430 Datasheet HTML 5Page - National Semiconductor (TI) LM3430 Datasheet HTML 6Page - National Semiconductor (TI) LM3430 Datasheet HTML 7Page - National Semiconductor (TI) LM3430 Datasheet HTML 8Page - National Semiconductor (TI) LM3430 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Configuration of the Demonstration Board for Evaluation
30028904
Analog PWM Dimming Mode
•
Leave jumper JP3 open to enable the Analog Dimming
Mode;
•
Short pins 1-2 of jumper JP5 to select the Analog control
input;
•
The VR1 is used to derive the analog control voltage from
LM3432's VCC output (5V nominal) and pass to LM3432's
DIM input pin to control the dimming of the LED;
•
Adjust VR5 to change the LED brightness. The ON current
of the LED is still maintained, only the duty ratio of ON time
is adjusted to achieve the effect of dimming. This ensures
the correct color is preserved even in dimmed output
conditions.
Digital PWM Dimming Mode
•
Short jumper JP3 to enable the Digital Dimming Mode;
•
Short pins 2-3 of jumper JP5 to select the Digital control
input;
•
The external PWM dimming control signal applied to CN2
is then routed to LM3432's DIM input pin;
•
The control of LED current ON-OFF is passed to the
externally applied PWM dimming control signal. The ON
duty of the PWM control signal governs the LED
brightness.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com