Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3402 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3402
Description  LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3402 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3402 Datasheet HTML 10Page - National Semiconductor (TI) LM3402 Datasheet HTML 11Page - National Semiconductor (TI) LM3402 Datasheet HTML 12Page - National Semiconductor (TI) LM3402 Datasheet HTML 13Page - National Semiconductor (TI) LM3402 Datasheet HTML 14Page - National Semiconductor (TI) LM3402 Datasheet HTML 15Page - National Semiconductor (TI) LM3402 Datasheet HTML 16Page - National Semiconductor (TI) LM3402 Datasheet HTML 17Page - National Semiconductor (TI) LM3402 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
30061657
FIGURE 15. t
D + tSD Graph
Fast Dimming + Improved Average
Current Circuit
Using both the Improved Average LED current circuit and the
external MOSFET fast dimming circuit together has additional
benefits. If R
ON and the converter's switching frequency
(f
SW) is determined and set with the improved average LED
current circuit, the switching frequency will decrease once
V
OUT is shorted during fast dimming. With MOSFET Q4 on,
V
OUT is equal to VFB (200 mV). The tON equation then be-
comes almost identical to the original unmodified circuit equa-
tion.
Setting t
ON and RON:
t
ON equation becomes:
when Q4 shunt MOSFET is on during fast dimming.
t
OFF equation during normal operation is:
t
OFF equation then becomes:
when Q2 shunt MOSFET is OFF during fast dimming.
This is an added benefit due to the fact that t
OFF is greatly
increased, and therefore the switching frequency is de-
creased, which leads to improved efficiency (see figure 16).
Inductor L1 still remains charged, and as soon as Q4 turns off
current flows through the LED string.
30061662
FIGURE 16. Improved Avg I
LED Circuit + Fast Dimming
Linearity with Fast Dimming
Once the delays and rise/fall times have been greatly re-
duced, linear average current vs, duty cycle (D
DIM) can be
achieved at very high dimming frequencies (f
DIM) (see figure
17).
30061663
FIGURE 17. Linearity with Fast Dimming
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com